Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4368 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4368
Description  100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4368 Datasheet(HTML) 3 Page - Linear Technology

  LTC4368 Datasheet HTML 1Page - Linear Technology LTC4368 Datasheet HTML 2Page - Linear Technology LTC4368 Datasheet HTML 3Page - Linear Technology LTC4368 Datasheet HTML 4Page - Linear Technology LTC4368 Datasheet HTML 5Page - Linear Technology LTC4368 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
dc2418af
DEMO MANUAL DC2418A
QUICK START PROCEDURE
DC2418A is easy to set up to evaluate the performance of
LTC4368. Refer to Figure 1 and Figure 2 for proper mea-
surementequipmentsetupandfollowtheprocedurebelow.
Reverse Voltage Protection Test
1. Set JP1 to EN.
2. Set JP2 and JP3 to CONNECT LED.
3. ConnectapowersupplyacrossVINandGNDinnegative
configuration (connect its positive terminal to GND and
negative to VIN).
4. Connect a power supply across VOUT and GND and set
to 0V.
5. Connect the ammeters in series with VIN and VOUT.
6. Slowlyrampsupplydownto–40V(referencedtoGND).
Make sure this voltage does not exceed –40V.
7. Verify all LEDs are off, input current is <3µA and output
current is <100µA.
8. Ramp supply back to 0V.
Undervoltage/Overvoltage Protection Test
1. Reversethepolarityofpowersupplyconnectionacross
VIN to GND (connect supply’s positive terminal to VIN
and negative to GND).
2. Slowly ramp supply up to 100V and verify that green
VIN LED and red FAULT LED light up, but green VOUT
LED does not light up.
3. Ramp supply down from 60V to 0V and verify green
VIN LED, red FAULT LED, green VOUT LED, and VOUT
operate according to the following table.
VIN
VOUT
VIN LED
VOUT LED
FAULT LED
0V to 3.5V
0V
Off/Dim/On
Off
On
3.5V to 18V
VIN
On
On
Off
18V to 60V
0V
On
Off
On
Forward Overcurrent Protection Test
1. Place JP1 in position DIS and JP2 and JP3 in position
CONNECT LED.
2. Connect +5V supply to VIN.
3. Enable LTC4368 by changing the position JP1 to EN.
Confirm that output voltage is +5V.
4. Load the DC2418A-A board output with 0.4Ω (25W)
resistor or DC2518A-B board with 1.5Ω. Confirm that
the output load is disconnected from power. The load
should be placed between the VOUT and GND turrets.
5. Repeat steps 3 and 4 with a 7.8A load for DC2418A-A
and a 1.9A load for DC2418A-B. Confirm that the output
is not disconnected (VOUT should be close to VIN and
not at ground).
Jumper Test
1. Remove the load and set the VIN supply to 9V.
2. Move jumpers and verify LEDs light up according to
table below.
JP1
JP2/JP3
VIN LED
VOUT LED
EN
CONNECT LED
On
On
DIS
CONNECT LED
On
Off
EN
OPEN
Off
Off
Jumpers
JP1: (SHDN) Enable (EN) or Disable (DIS) Controller.
JP2: (VIN) Power or unpower LEDs, green D1 and red D3.
JP3: (VOUT) Power or unpower green LED D2.
JP4:(COOL-DOWN-TIME)Selectcool-downtime1320ms,
120ms, or place controller in latch-off operation.
LEDs
D1: Indicates input voltage is present.
D2: Indicates output voltage is present.
D3: Indicates FAULT pin signal (a fault turns on this LED).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com