Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA10244 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA10244
Description  ~65째 wide beam. Assembly with tape.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10244 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA10244 Datasheet HTML 1Page - Ledil, Inc. CA10244 Datasheet HTML 2Page - Ledil, Inc. CA10244 Datasheet HTML 3Page - Ledil, Inc. CA10244 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA10244_TITANUM-O-W
TITANUM-O-W
~65° wide beam. Assembly with tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 26 mm
Height
14.9 mm
Fastening
tape
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
8 kg
Quantity in Box
1001 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TITANUM-O-W
Lens
PMMA
clear
SPUTNIK-TAPE
Tape
PU tape
black
Last update: 17/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA10244

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA10244 CREE-CA10244 Datasheet
93Kb / 2P
Titanum series
More results

Similar Description - CA10244

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10241 LEDIL-CA10241 Datasheet
2Mb / 4P
~65째 wide beam. Assembly with installation tape.
CA14591 LEDIL-CA14591 Datasheet
4Mb / 4P
~85째 wide beam. Assembly with installation tape.
CA13747 LEDIL-CA13747 Datasheet
1Mb / 5P
~165째 wide beam. Assembly with installation tape.
CS15765 LEDIL-CS15765 Datasheet
5Mb / 6P
~65째 wide beam. New revision.
C13413 LEDIL-C13413 Datasheet
2Mb / 8P
~65째 wide beam with 7 optics
CP12637 LEDIL-CP12637 Datasheet
3Mb / 5P
~65째 wide beam
C16735 LEDIL-C16735 Datasheet
2Mb / 4P
~65째 wide beam
DAISY-MINI-WW LEDIL-DAISY-MINI-WW Datasheet
2Mb / 6P
~65째 wide beam
CA13633 LEDIL-CA13633 Datasheet
18Mb / 10P
~65째 wide beam.
C12359 LEDIL-C12359 Datasheet
1Mb / 5P
~65째 wide beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com