Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA11176 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA11176
Description  ~60째 wide beam optimized for Nichia NS6x83.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11176 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA11176 Datasheet HTML 1Page - Ledil, Inc. CA11176 Datasheet HTML 2Page - Ledil, Inc. CA11176 Datasheet HTML 3Page - Ledil, Inc. CA11176 Datasheet HTML 4Page - Ledil, Inc. CA11176 Datasheet HTML 5Page - Ledil, Inc. CA11176 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
CA11176_TINA2-WW
TINA2-WW
~60° wide beam optimized for Nichia NS6x83.
Assembly with holder and installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16.1 mm
Height
11 mm
Fastening
tape
Colour
black
Box size
451 x 241 x 298 mm
Box weight
0 kg
Quantity in Box
4140 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TINA2-WW-6N83
Lens
PMMA
clear
TINA2-HLD-N83-BLK
Holder
PC
black
TINA-TAPE3
Tape
PU tape
black
Last update: 15/05/2018
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA11176

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA11176 CREE-CA11176 Datasheet
299Kb / 6P
Tina series
logo
Ledil, Inc.
CA11176 LEDIL-CA11176 Datasheet
716Kb / 11P
Tina Assembly
More results

Similar Description - CA11176

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10646 LEDIL-FA10646_18 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Nichia NS6x83.
FA10647 LEDIL-FA10647_18 Datasheet
3Mb / 4P
~30째 medium beam optimized for Nichia NS6x83.
CA11171 LEDIL-CA11171_18 Datasheet
3Mb / 4P
~14째 spot beam optimized for Nichia NS6x83.
CA11173 LEDIL-CA11173_18 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized for Nichia NS6x83.
CA11174 LEDIL-CA11174_18 Datasheet
3Mb / 6P
~30째 medium beam optimized for Nichia NS6x83.
CA11175 LEDIL-CA11175_18 Datasheet
3Mb / 6P
~45째 wide beam optimized for Nichia NS6x83.
CA10624 LEDIL-CA10624 Datasheet
1Mb / 3P
~50째 wide beam optimized for Nichia NS6x83. Assembly with white holder.
FA10344 LEDIL-FA10344 Datasheet
3Mb / 5P
~50째 wide beam optimized for Nichia NS6x83. Assembly with white holder.
FA10901 LEDIL-FA10901_18 Datasheet
2Mb / 4P
~60째 wide beam optimized for Nichia NS6x83. Assembly with holder and installation tape.
FA10903 LEDIL-FA10903_18 Datasheet
1Mb / 4P
~60째 wide beam optimized for Nichia NS6x83. Assembly with white holder.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com