Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA11240 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA11240
Description  ~8째 35째 oval beam. Variant with beam direction rotated 90째. Assembly with tape.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11240 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA11240 Datasheet HTML 1Page - Ledil, Inc. CA11240 Datasheet HTML 2Page - Ledil, Inc. CA11240 Datasheet HTML 3Page - Ledil, Inc. CA11240 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA11240_TITANUM-O-90
TITANUM-O-90
~8°
35° oval beam. Variant with beam direction
rotated 90°. Assembly with tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 26 mm
Height
14.9 mm
Fastening
tape
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
0 kg
Quantity in Box
1001 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TITANUM-O-90
Lens
PMMA
clear
SPUTNIK-TAPE
Tape
PU tape
black
Last update: 16/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA11240

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11240 LEDIL-CA11240 Datasheet
104Kb / 2P
Titanum Assembly
More results

Similar Description - CA11240

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10319 LEDIL-CA10319_18 Datasheet
3Mb / 5P
~35째 8째 oval beam. Assembly with tape.
CA10322 LEDIL-CA10322 Datasheet
2Mb / 4P
~35째 8째 oval beam. Assembly with installation tape.
CA13624 LEDIL-CA13624 Datasheet
4Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NS6x83. Variant with beam direction rotated 90째.
FA11145 LEDIL-FA11145_18 Datasheet
3Mb / 4P
~13째 x 45째 oval beam optimized for Osram Golden Dragon . Variant with beam direction rotated 90째. Assembly with white holder.
FA11151 LEDIL-FA11151 Datasheet
3Mb / 5P
~13째 x 45째 oval beam optimized for Nichia NS6x83. Variant with beam direction rotated 90째. Assembly with white holder.
FA11153 LEDIL-FA11153_18 Datasheet
5Mb / 4P
~13째 x 45째 oval beam optimized for CREE XP-E. Variant with beam direction rotated 90째. Assembly with black holder.
FA11155 LEDIL-FA11155 Datasheet
6Mb / 4P
~13째 x 45째 oval beam optimized for CREE MC-E. Variant with beam direction rotated 90째. Assembly with black holder.
CP15678 LEDIL-CP15678 Datasheet
4Mb / 7P
~35째 15째 oval beam. Variant with beam direction rotated 90째.
FCA13625 LEDIL-FCA13625 Datasheet
2Mb / 5P
~13째 x 44째 oval beam optimized for Nichia NS6x83. Variant with beam direction rotated 90째.
FP11853 LEDIL-FP11853 Datasheet
2Mb / 3P
~20째 x 50째 oval beam optimized for LUXEON Rebel. Variant with beam direction rotated 90째.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com