Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA12377 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA12377
Description  ~30째 medium beam optimized for CREE XP-E.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12377 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA12377 Datasheet HTML 1Page - Ledil, Inc. CA12377 Datasheet HTML 2Page - Ledil, Inc. CA12377 Datasheet HTML 3Page - Ledil, Inc. CA12377 Datasheet HTML 4Page - Ledil, Inc. CA12377 Datasheet HTML 5Page - Ledil, Inc. CA12377 Datasheet HTML 6Page - Ledil, Inc. CA12377 Datasheet HTML 7Page - Ledil, Inc. CA12377 Datasheet HTML 8Page - Ledil, Inc. CA12377 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT
DATASHEET
CA12377_TINA2-M
TINA2-M
~30° medium beam optimized for CREE XP-E.
Assembly with holder and installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16 mm
Height
9.5 mm
Fastening
tape, pin
Colour
black
Box size
451 x 241 x 298 mm
Box weight
8.3 kg
Quantity in Box
4140 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TINA2-XP-M
Lens
PMMA
clear
TINA2-HLD-BLK
Holder
PC
black
TINA-TAPE3
Tape
PU tape
black
Last update: 15/05/2018
Subject to change without prior notice
1/11
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA12377

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12377 CREE-CA12377 Datasheet
1Mb / 23P
Tina series
More results

Similar Description - CA12377

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10645 LEDIL-FA10645_18 Datasheet
2Mb / 6P
~30째 medium beam optimized for CREE XP-E.
CA11355 LEDIL-CA11355 Datasheet
1Mb / 6P
~30째 medium beam optimized for CREE XP-E.
CA11483 LEDIL-CA11483 Datasheet
2Mb / 7P
~25째 medium beam optimized for CREE XP-E.
CA11837 LEDIL-CA11837 Datasheet
2Mb / 10P
~30째 medium beam optimized for CREE XP-E
FA10660 LEDIL-FA10660 Datasheet
2Mb / 7P
~25째 medium beam optimized for CREE XP-E
FA11450 LEDIL-FA11450 Datasheet
1Mb / 5P
~30째 medium beam optimized for CREE XP-E
FCA12792 LEDIL-FCA12792 Datasheet
4Mb / 5P
~25째 medium beam optimized for CREE XP-E.
FP11075 LEDIL-FP11075 Datasheet
1Mb / 6P
~20째 medium beam optimized for CREE XP-E.
FA10665 LEDIL-FA10665 Datasheet
1Mb / 5P
~30째 medium beam optimized for CREE XP-E.
CA11017 LEDIL-CA11017 Datasheet
2Mb / 7P
~30째 medium beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com