Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2735 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2735
Description  Low-Voltage 0.45ohm Dual SPDT Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2735 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2735 Datasheet HTML 1Page - Monolithic Power Systems MP2735 Datasheet HTML 2Page - Monolithic Power Systems MP2735 Datasheet HTML 3Page - Monolithic Power Systems MP2735 Datasheet HTML 4Page - Monolithic Power Systems MP2735 Datasheet HTML 5Page - Monolithic Power Systems MP2735 Datasheet HTML 6Page - Monolithic Power Systems MP2735 Datasheet HTML 7Page - Monolithic Power Systems MP2735 Datasheet HTML 8Page - Monolithic Power Systems MP2735 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP2735/MP2736 — LOW-VOLTAGE 0.45Ω DUAL SPDT ANALOG SWITCHES
MP2735/MP2736 Rev.1.0
www.MonolithicPower.com
2
1/27/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP2735DQG
QFN10
(1.4mm x1.8mm)
2T
-40
°C to +85°C
MP2736DQG
AM
* For Tape & Reel, add suffix –Z (e.g. MP2735DQG–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP2735DQG–LF–Z)
PACKAGE REFERENCE
TOP VIEW
TOP VIEW
QFN10 - MP2735DQG
QFN10 - MP2736DQG
ABSOLUTE MAXIMUM RATINGS
V+ Supply Voltage ..........................-0.3V to +6V
IN/COM/NC/NO Voltage (1) ... -0.3V to V+ + 0.3V
Current
(Any terminal except NO, NC or COM) ..............
............................................................ 30mA
Continuous Current (NO, NC or COM) ..............
................................................. ±250mA
Peak Current
(Pulsed at 1ms, 10% duty cycle) .......... ±500mA
Storage Temperature............... -65
°C to +150°C
Power Dissipation (QFN10 (2)) (3) ........... 208mW
Notes:
1)
Signals on NC, or COM or IN exceeding V+ will be
clamped by internal diodes. Limit forward diode current
to maximum current ratings.
2)
Derate 4.0mW/
℃ above 70℃.
3)
All leads welded or soldered to PC Board.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com