Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5086GG Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP5086GG
Description  5.5V, 7A, Low RDSON Load Switch with Current Monitoring and NTC Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5086GG Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP5086GG Datasheet HTML 1Page - Monolithic Power Systems MP5086GG Datasheet HTML 2Page - Monolithic Power Systems MP5086GG Datasheet HTML 3Page - Monolithic Power Systems MP5086GG Datasheet HTML 4Page - Monolithic Power Systems MP5086GG Datasheet HTML 5Page - Monolithic Power Systems MP5086GG Datasheet HTML 6Page - Monolithic Power Systems MP5086GG Datasheet HTML 7Page - Monolithic Power Systems MP5086GG Datasheet HTML 8Page - Monolithic Power Systems MP5086GG Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MP5086 –5.5V, 7A, LOW RDSON LOAD SWITCH WITH CURRENT MONITORING AND NTC COMPARATOR
MP5086 Rev.1.0
www.MonolithicPower.com
2
11/6/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP5086GG
QFN-12 (2mmx2mm)
See Below
*For Tape & Reel, add suffix-Z (e.g. MP5086GG-Z);
TOP MARKING
CX: product code of MP5086GG;
Y: year code;
LLL: lot number;
PACKAGE REFERENCE
QFN-12 (2mmx2mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com