Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72681 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72681
Description  USB 2.0 HIGH-SPEED 8-BIT MCU FLASH DRIVE CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72681 Datasheet(HTML) 1 Page - STMicroelectronics

  ST72681 Datasheet HTML 1Page - STMicroelectronics ST72681 Datasheet HTML 2Page - STMicroelectronics ST72681 Datasheet HTML 3Page - STMicroelectronics ST72681 Datasheet HTML 4Page - STMicroelectronics ST72681 Datasheet HTML 5Page - STMicroelectronics ST72681 Datasheet HTML 6Page - STMicroelectronics ST72681 Datasheet HTML 7Page - STMicroelectronics ST72681 Datasheet HTML 8Page - STMicroelectronics ST72681 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
May 2005
1/12
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Rev. 1.1
ST72681
USB 2.0 HIGH-SPEED 8-BIT MCU FLASH DRIVE
CONTROLLER
PRELIMINARY DATA
USB 2.0 Interface compatible with Mass
Storage Device Class
– Integrated USB 2.0 PHY
– Supports USB High Speed and Full Speed
– Suspend and Resume operations
Mass Storage Controller Interface (MSCI)
– Supports all type of NAND Flash devices
– Reed-Solomon Encoder/Decoder for MLC
NAND Flash support: on-the-fly correction (4
bytes of a 512-byte block)
– Flash identification support
– 10MB/s for read and 8MB/s for write opera-
tions with one single NAND Flash device
– 10MB/s for read and 10MB/s for write opera-
tions in multi mode NAND Flash device topol-
ogy
Embedded ST7 8-bit MCU
Supply Management
– 3.3V operation
– Integrated 3.3V-1.8V voltage regulator
Very low power consumption
– Less than 100mA during write operation with
two NAND Flash devices
– Less than 500µA in suspend mode
Clock Management
– Integrated PLL for generating core and USB
2.0 clock sources using an external 12 MHz
crystal
Up to two configurable LED outputs
– Blinking on USB specific activity (idle, sus-
pend, data access)
Data Protection
– Write protect switch control
– Password-based security for data protection
Bootability support
Flexibility
– Configurable Vendor ID/Product ID (VID/PID)
with production tool
– Patch code support with external EEPROM
device
TQFP48 7x7 lead-free package
Development Support
– Complete reference design including sche-
matics, BOM and gerber files
Supports
Windows
ME,
Windows
2K,
Windows XP, Linux and MacOS. Drivers
available for Windows 98 SE
TQFP48
Features
ST72681
USB interface
USB 2.0
# of NAND devices supported
up to 4
R/W speed
10MBps/8MBps (single NAND) / 10MBps/10MBps (multi NAND)
Operating Supply
3.0V to 3.6V
Operating Temperature
0°C to +70°C
Packages
TQFP48 7x7 / Die form
1


Similar Part No. - ST72681

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72681 STMICROELECTRONICS-ST72681 Datasheet
614Kb / 32P
USB 2.0 high-speed Flash drive controller
30-Aug-2007
ST72681/R20 STMICROELECTRONICS-ST72681/R20 Datasheet
614Kb / 32P
USB 2.0 high-speed Flash drive controller
30-Aug-2007
ST72681/R21 STMICROELECTRONICS-ST72681/R21 Datasheet
614Kb / 32P
USB 2.0 high-speed Flash drive controller
30-Aug-2007
ST72681 STMICROELECTRONICS-ST72681_07 Datasheet
614Kb / 32P
USB 2.0 high-speed Flash drive controller
30-Aug-2007
More results

Similar Description - ST72681

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB97C242 SMSC-USB97C242 Datasheet
164Kb / 22P
USB 2.0 Flash Drive Controller
USB97C210 SMSC-USB97C210 Datasheet
380Kb / 24P
USB 2.0 FLASH MEDIA CONTROLLER
USB97C211 SMSC-USB97C211 Datasheet
345Kb / 24P
USB 2.0 Flash Media Controller
logo
STMicroelectronics
ST72682 STMICROELECTRONICS-ST72682 Datasheet
542Kb / 36P
USB 2.0 high-speed Flash drive controller
14-Aug-2007
ST72681 STMICROELECTRONICS-ST72681_07 Datasheet
614Kb / 32P
USB 2.0 high-speed Flash drive controller
30-Aug-2007
logo
Texas Instruments
TUSB6015 TI-TUSB6015 Datasheet
694Kb / 28P
USB 2.0 High Speed Peripheral Controller
logo
Taiwan Memory Technolog...
5212 TMT-5212 Datasheet
1Mb / 7P
USB High Speed Flash Controller
logo
STMicroelectronics
ST7260XX STMICROELECTRONICS-ST7260XX Datasheet
1Mb / 139P
Low speed USB 8-bit MCU family with up to 8K Flash
05-Feb-2009
logo
Holtek Semiconductor In...
HT45F3630 HOLTEK-HT45F3630 Datasheet
7Mb / 137P
Power Tool Controller 8-Bit Flash MCU
March 03, 2016
logo
List of Unclassifed Man...
MW6208 ETC-MW6208 Datasheet
401Kb / 18P
USB 2.0 FLASH DISK CONTROLLER
Revision 1.0 May 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com