Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G98DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G98DBVR
Description  CONFIGURABLE MULTIPLE-FUNCTION GATE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G98DBVR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G98DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC1G98DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC1G98DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC1G98DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC1G98DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC1G98DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC1G98DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC1G98DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC1G98DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
In2
3
2
4
6
1
In1
In2
Y
GND
In0
DBV PACKAGE
(TOP VIEW)
YEA, YEP, YZA,
OR YZP PACKAGE
(BOTTOM VIEW)
DCK PACKAGE
(TOP VIEW)
3
2
4
6
1
In1
In2
Y
GND
In0
3
2
4
6
1
In1
Y
GND
In0
In1
In0
In2
Y
GND
DRL PACKAGE
(TOP VIEW)
See mechanical drawings for dimensions.
1
4
2
3
6
VCC
VCC
VCC
5
VCC
5
5
5
DESCRIPTION/ORDERING INFORMATION
SN74LVC1G98
CONFIGURABLE MULTIPLE-FUNCTION GATE
SCES417H – DECEMBER 2002 – REVISED JUNE 2005
•
Ioff Supports Partial-Power-Down Mode
Operation
•
Available in the Texas Instruments
NanoStar™ and NanoFree™ Packages
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
Supports 5-V VCC Operation
•
ESD Protection Exceeds JESD 22
•
Inputs Accept Voltages to 5.5 V
– 2000-V Human-Body Model (A114-A)
•
Max tpd of 6.3 ns at 3.3 V
– 200-V Machine Model (A115-A)
•
Low Power Consumption, 10-
µA Max I
CC
– 1000-V Charged-Device Model (C101)
•
±24-mA Output Drive at 3.3 V
This configurable multiple-function gate is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G98 features configurable multiple functions. The output state is determined by eight patterns of
3-bit input. The user can choose the logic functions MUX, AND, OR, NAND, NOR, inverter, and noninverter. All
inputs can be connected to VCC or GND.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoStar™ – WCSP (DSBGA)
SN74LVC1G98YEAR
0.17-mm Small Bump – YEA
NanoFree™ – WCSP (DSBGA)
SN74LVC1G98YZAR
0.17-mm Small Bump – YZA (Pb-free)
Reel of 3000
_ _ _CW_
NanoStar™ – WCSP (DSBGA)
SN74LVC1G98YEPR
0.23-mm Large Bump – YEP
NanoFree™ – WCSP (DSBGA)
–40°C to 85°C
SN74LVC1G98YZPR
0.23-mm Large Bump – YZP (Pb-free)
Reel of 3000
SN74LVC1G98DBVR
SOT (SOT-23) – DBV
C98_
Reel of 250
SN74LVC1G98DBVT
Reel of 3000
SN74LVC1G98DCKR
SOT (SC-70) – DCK
CW_
Reel of 250
SN74LVC1G98DCKT
SOT (SOT-553) – DRL
Reel of 4000
SN74LVC1G98DRLR
CW_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site.
YEA/YZA, YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one
following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar, NanoFree are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1G98DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G98DBVR TI-SN74LVC1G98DBVR Datasheet
749Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G98DBVR TI1-SN74LVC1G98DBVR Datasheet
1Mb / 25P
Configurable Multiple-Function Gate
SN74LVC1G98DBVR TI2-SN74LVC1G98DBVR Datasheet
2Mb / 32P
Configurable Multiple-Function Gate
REVISED DECEMBER 2013
SN74LVC1G98DBVR.B TI2-SN74LVC1G98DBVR.B Datasheet
2Mb / 32P
Configurable Multiple-Function Gate
REVISED DECEMBER 2013
SN74LVC1G98DBVR1G4 TI2-SN74LVC1G98DBVR1G4 Datasheet
2Mb / 32P
Configurable Multiple-Function Gate
REVISED DECEMBER 2013
More results

Similar Description - SN74LVC1G98DBVR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com