Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C2V4T Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BZT52C2V4T
Description  SURFACE MOUNT ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZT52C2V4T Datasheet(HTML) 3 Page - Diodes Incorporated

  BZT52C2V4T Datasheet HTML 1Page - Diodes Incorporated BZT52C2V4T Datasheet HTML 2Page - Diodes Incorporated BZT52C2V4T Datasheet HTML 3Page - Diodes Incorporated BZT52C2V4T Datasheet HTML 4Page - Diodes Incorporated BZT52C2V4T Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BZT52C2V0T - BZT52C36T
Document number: DS30502 Rev. 17 - 2
3 of 5
www.diodes.com
December 2017
© Diodes Incorporated
BZT52C2V0T - BZT52C36T
0
0.15
0.30
25
0
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve
A
°
0.45
Note 6
0
10
20
30
40
50
0
1
2
3
4
5
6
7
8
9
10
V , ZENER VOLTAGE (V)
Fig. 2 Typical Zener Breakdown Characteristics
Z
T = 25°C
J
C2V7
0
10
20
30
0
V , ZENER VOLTAGE (V)
Fig. 3 Typical Zener Breakdown Characteristics
Z
10
20
30
T = 25°C
J
Test current I
5mA
Z
C10T
C12T
C18T
C22T
C15T
10
100
1,000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 4 Typical Total Capacitance vs. Nominal Zener Voltage
Z
T = 25°C
f = 1MHz
J
V = 1V
R
V = 2V
R
V = 1V
R
V = 2V
R
Note 7
TJ=25
oC
TJ=25
oC
TJ=25
oC
0
1
10
100
1,000
10,000
4
4.5
5
5.5
6
V
R, REVERSE VOLTAGE (V)
Fig. 5 Typical Reverse Characteristics
TA = -55
℃
TA =25
℃ TA=85℃
TA = 125
℃
TA =150
℃
Only applicable to BZT52C6V2T(Q)
0.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com