Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDZ12CS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DDZ12CS
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ12CS Datasheet(HTML) 4 Page - Diodes Incorporated

  DDZ12CS Datasheet HTML 1Page - Diodes Incorporated DDZ12CS Datasheet HTML 2Page - Diodes Incorporated DDZ12CS Datasheet HTML 3Page - Diodes Incorporated DDZ12CS Datasheet HTML 4Page - Diodes Incorporated DDZ12CS Datasheet HTML 5Page - Diodes Incorporated DDZ12CS Datasheet HTML 6Page - Diodes Incorporated DDZ12CS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DDZ5V1BS - DDZ47S
Document number: DS30414 Rev. 10 - 2
4 of 7
www.diodes.com
May 2017
© Diodes Incorporated
DDZ5V1BS - DDZ47S
26
30
34
38
V, ZENER VOLTAGE (V)
Fig. 4 Typical Zener Breakdown Characteristics,
DDZ27DS - DDZ33S
Z
28
32
36
1m
100n
10m
100m
Fig.5 Typical Zener Breakdown Characteristics
DDZ43S
100m
38
40
42
44
46
48
50
V , ZENER VOLTAGE (V)
z
DDZ43S
10m
1m
100µ
10µ
1µ
100n
0.1
10
100
1
1,000
10,000
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12
V , ZENER VOLTAGE (V)
Z
Fig. 7 Typical Zener Impedance Characteristics,
DDZ5V6BS - DDZ12CS
I = 1mA
Z
I = 5mA
Z
I = 20mA
Z
0.1
10
100
1
1,000
10,000
12
13
14
15
16
17
18
V , ZENER VOLTAGE (V)
Z
Fig. 8 Typical Zener Impedance Characteristics,
DDZ12CS - DDZ18CS
I = 5mA
Z
I = 1mA
Z
0.1
10
100
1
1,000
10,000
18
19
20
21
22
23
24
V , ZENER VOLTAGE (V)
Z
Fig. 9 Typical Zener Impedance Characteristics,
DDZ18CS - DDZ24CS
I = 5mA
Z
I = 1mA
Z
1
10
100
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Z
Fig. 6 Typical Total Capacitance
vs. Nominal Zener Voltage
T = 25 °C
J
f = 1MHz
V
= 2V
R
V
= 1V
R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com