Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDZ10B Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DDZ10B
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ10B Datasheet(HTML) 4 Page - Diodes Incorporated

  DDZ10B Datasheet HTML 1Page - Diodes Incorporated DDZ10B Datasheet HTML 2Page - Diodes Incorporated DDZ10B Datasheet HTML 3Page - Diodes Incorporated DDZ10B Datasheet HTML 4Page - Diodes Incorporated DDZ10B Datasheet HTML 5Page - Diodes Incorporated DDZ10B Datasheet HTML 6Page - Diodes Incorporated DDZ10B Datasheet HTML 7Page - Diodes Incorporated DDZ10B Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DDZ5V1B - DDZ43
Document number: DS30407 Rev. 20 - 2
4 of 8
www.diodes.com
December 2017
© Diodes Incorporated
DDZ5V1B - DDZ43
1m
100n
10m
100m
4.0
6.0
8.0
10.0
V , ZENER VOLTAGE (V)
Fig. 4 Typical Zener Breakdown Characteristics,
DDZ5V1B - DDZ9V1C
Z
5.0
7.0
9.0
8.0
11.0
13.0
15.0
V , ZENER VOLTAGE (V)
Fig. 5 Typical Zener Breakdown Characteristics,
DDZ10C - DDZ14
Z
10.0
12.0
14.0
1m
100n
10m
100m
14
16
18
20
V , ZENER VOLTAGE (V)
Fig. 6 Typical Zener Breakdown Characteristics,
DDZ15 - DDZ18C
Z
15
17
19
1m
100n
10m
100m
19
21
23
25
V , ZENER VOLTAGE (V)
Fig. 7 Typical Zener Breakdown Characteristics,
DDZ20C - DDZ24C
Z
20
22
24
1m
100n
10m
100m
26
30
34
38
V , ZENER VOLTAGE (V)
Fig. 8 Typical Zener Breakdown Characteristics,
DDZ27D - DDZ36
Z
28
32
36
1m
100n
10m
100m
38
42
46
50
V , ZENER VOLTAGE (V)
Fig. 9 Typical Zener Breakdown Characteristics, DDZ43
Z
40
44
48
1m
100n
10m
100m



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com