Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP020-5GS Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP020-5GS
Description  85VAC~265VAC/50Hz, 18V/0.3A, 5V/0.1A Off-line Primary-side-Regulator, Dual Outputs Evaluation Board for Small Appliances
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP020-5GS Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP020-5GS Datasheet HTML 1Page - Monolithic Power Systems MP020-5GS Datasheet HTML 2Page - Monolithic Power Systems MP020-5GS Datasheet HTML 3Page - Monolithic Power Systems MP020-5GS Datasheet HTML 4Page - Monolithic Power Systems MP020-5GS Datasheet HTML 5Page - Monolithic Power Systems MP020-5GS Datasheet HTML 6Page - Monolithic Power Systems MP020-5GS Datasheet HTML 7Page - Monolithic Power Systems MP020-5GS Datasheet HTML 8Page - Monolithic Power Systems MP020-5GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
EV020-5-S-00D
– UNIVERSAL INPUT, DUAL OUTPUTS FOR SMALL APPLIANCES
EV020-5-S-00D Rev.1.0
www.MonolithicPower.com
5
4/1/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
CIRCUIT DESCRIPTION
The
EV020-5-S-00D
is
configured
in
a
single-stage
Flyback
topology,
it
uses
primary-side-control which can mostly simplify the
schematic and get a cost effective BOM. It can
also achieve accurate constant voltage and
acceptable cross regulation.
FR1 and CR1 compose the input stage. FR1 is
used to protect for the component failure or some
excessive short events, also it can restrain the
inrush current.
C1, L1 and C2 compose π filter to guarantee the
conducted EMI meet standard EN55022. R1
paralleled with L1 is used to damp resonant
between L1 and C1, C2. R2, R3, D1 and C3
compose
the
snubber
circuit
to
reduce
drain-source voltage spike.
R4, C5, C6 and D2 are used as Vcc power supply.
C5 is high frequency decoupling capacitor and
should be placed with Vcc pin as near as
possible.
R5 and R6 are resistor divider for detecting output
voltage by sampling voltage on primary auxiliary
winding.
CY1 is Y capacitor lowering common mode noise
to make sure there is enough EMI margin. T1 is
power transformer, the structure of which is also
very important to pass EMI test.
D3 is rectifier for 18V output. Schottky diode is
recommended
for
better
efficiency
and
regulation.C7 and R7 are composed snubber for
D3, which is to restrain the voltage spike between
D3.
C8 and C11 are output capacitors for 18V output.
C8 should be low ESR electrolytic capacitor for
better load regulation. C11 is ceramic capacitor to
reduce high frequency voltage ripple. R9 is
dummy load to lower the output voltage of 18V
rail at no load condition.
D4 is rectifier for 5V output. Schottky diode is
recommended for better efficiency and regulation.
Due to the output current is low at this rail and
there is no obvious spike on D4, so no RC
snubber is needed.
C9 and C10 are output capacitors for 5V output.
C9 should be low ESR electrolytic capacitor for
better load regulation. C10 is ceramic capacitor to
reduce high frequency voltage ripple. R8 is
dummy load to lower the output voltage of 5V rail
at no load condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com