Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2155GQ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2155GQ
Description  High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2155GQ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2155GQ Datasheet HTML 1Page - Monolithic Power Systems MP2155GQ Datasheet HTML 2Page - Monolithic Power Systems MP2155GQ Datasheet HTML 3Page - Monolithic Power Systems MP2155GQ Datasheet HTML 4Page - Monolithic Power Systems MP2155GQ Datasheet HTML 5Page - Monolithic Power Systems MP2155GQ Datasheet HTML 6Page - Monolithic Power Systems MP2155GQ Datasheet HTML 7Page - Monolithic Power Systems MP2155GQ Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EV2155-Q-00A―HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST DC-DC CONVERTER EVB
EV2155-Q-00A Rev.1.0
www.MonolithicPower.com
2
1/26/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
MP2155
VIN
5
Vcc
8
VOUT
1
FB
10
MODE/ SYNC
7
EN
6
U1
3.3uH
L1
NS
C1
10uF/6.3V
C2
22uF
6.3V
C3
22uF
6.3V
C4
2
3
1
JP1
2
3
1
JP2
GND
GND
GND
143k
R2
820k
R1
GND
GND
VIN
GND
VOUT
GND
R3
750k
C5
68pF
EV2155-Q-00A BILL OF MATERIALS
Qty
RefDes
Value
Description
Manufacturer Manufacturer P/N
Package
1
C1
NS
0805
1
C2
10uF
6.3V X7R ceramic
capacitor
muRata
GRM21BR60J106KE19D
0805
2
C3, C4
22uF
6.3V X5R ceramic
capacitor
muRata
GRM21BR60J226ME39L
0805
1
C5
68pF
50V, X7R ceramic
Capacitor
muRata
GRM188R71H680KL
0603
2
JP1, JP2
3 pins header
DI
1
L1
3.3uH
9mOhm, 8A
inductor
Wurth
744314330
SMD
1
R1
820k
Film resistor, 1%
YAGEO
RC0603FR-07820KL
0603
1
R2
143k
Film resistor, 1%
YAGEO
RC0603FR-07143KL
0603
1
R3
750k
Film resistor, 5%
YAGEO
RC0603JR-07750KL
0603
1
U1
MP2155
2~5.5V, 2.3A buck-
boost converter
MPS
MP2155GQ
QFN10-3*3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com