Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2965 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2965
Description  100V Micropower Single Voltage Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2965 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2965 Datasheet HTML 9Page - Linear Technology LTC2965 Datasheet HTML 10Page - Linear Technology LTC2965 Datasheet HTML 11Page - Linear Technology LTC2965 Datasheet HTML 12Page - Linear Technology LTC2965 Datasheet HTML 13Page - Linear Technology LTC2965 Datasheet HTML 14Page - Linear Technology LTC2965 Datasheet HTML 15Page - Linear Technology LTC2965 Datasheet HTML 16Page - Linear Technology LTC2965 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTC2965
13
2965fc
For more information www.linear.com/LTC2965
TYPICAL APPLICATIONS
Negative Voltage Monitor with Output Level Shift
Figure 9 illustrates an LTC2965 configured to monitor a
–15V supply with a level-shifted output to a 5V supply. Q1
buffers the digital input of the 5V system from the –15V
supply and prevents UV from going below GND. The
OUT pin drives the base of Q1 through a resistor network
comprised of R3 and R4. Keep R4/R3 ≥0.4 to ensure
there is proper base current to pull UV to ground. If an
exposed pad is present it should be tied to the LTC2965
GND pin or left open.
Current Sink/Source
The LTC2965 can be used as a high voltage current source
or a current sink as shown in Figure 10. The current is
determined by placing a resistive load, RSET, on the REF
pin. The total current is then VREF/RSET + IVA because the
bias current of the part adds a small error term. Part of
the bias current is the internal resistive divider which is
approximately 78MΩ with the RS pin configured to 10x.
Figure 9. Negative Voltage Monitor with Output Level Shift to a 5V Digital Input
Figure 10. LTC2965 Configured as High Voltage Current Source
VIN
RS
PS
GND
LTC2965
REF
INH
OUT
INL
R2
976k
–15V
2965 F09
R3
1M
UV
5V
DIGITAL
INPUT
Q1
MMBT2907
FAIRCHILD
R5
200k
R4
510k
R1
1.43M
RISING THRESHOLD
FALLING THRESHOLD
HYSTERESIS
RANGE SETTING
–15V MONITOR WITH LEVEL SHIFT
–14.5V
–14.2V
–0.3V
10X
VIN
VIN
GND
REF
ISINK = 1mA
IERROR = (VREF/RSET) – ISUPPLY
RS
INH
OPEN
INL
RSET
2.4k
OUT
PS
LTC2965
LOAD
Current Sink
ISET = VREF/RSET
VIN
VIN
REF
ISRC = 1mA
2965 F10
INH
OPEN
INL
RSET
2.4k
OUT
LOAD
Current Source
ISET = VREF/RSET
LTC2965
GND
RS
PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com