Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4FA11149 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # 4FA11149
Description  ~13째 x 45째 oval beam optimized for Seoul P4.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

4FA11149 Datasheet(HTML) 1 Page - Ledil, Inc.

  4FA11149 Datasheet HTML 1Page - Ledil, Inc. 4FA11149 Datasheet HTML 2Page - Ledil, Inc. 4FA11149 Datasheet HTML 3Page - Ledil, Inc. 4FA11149 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
4FA11149_SSS-O-90
SSS-O-90
~13° x 45° oval beam optimized for Seoul P4.
Variant
with
beam
direction
rotated
90°.
Assembly with black holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 + 21.6 mm
Height
14.3 mm
Fastening
tape
Colour
black
Box size
470 x 235 x 270 mm
Box weight
0 kg
Quantity in Box
2160 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-B-B-O-90
Lens
PC
clear
ROSE-HLD-D
Holder
PC
black
ROSE-TAPE
Tape
PU tape
Last update: 16/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - 4FA11149

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4FA11145_OSS-O-90 ETC2-4FA11145_OSS-O-90 Datasheet
1Mb / 4P
OSS SQUARE lenses for Osram Dragon LEDs
More results

Similar Description - 4FA11149

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10314 LEDIL-FA10314 Datasheet
5Mb / 4P
~45째 x 15째 oval beam optimized for Seoul P4. Assembly with black holder and installation tape.
FA11145 LEDIL-FA11145_18 Datasheet
3Mb / 4P
~13째 x 45째 oval beam optimized for Osram Golden Dragon . Variant with beam direction rotated 90째. Assembly with white holder.
FA11147 LEDIL-FA11147 Datasheet
2Mb / 4P
~13째 x 45째 oval beam optimized for CREE XR-E. Variant with beam direction rotated 90째. Assembly with white holder.
FA11151 LEDIL-FA11151 Datasheet
3Mb / 5P
~13째 x 45째 oval beam optimized for Nichia NS6x83. Variant with beam direction rotated 90째. Assembly with white holder.
FA11155 LEDIL-FA11155 Datasheet
6Mb / 4P
~13째 x 45째 oval beam optimized for CREE MC-E. Variant with beam direction rotated 90째. Assembly with black holder.
FCA11160 LEDIL-FCA11160 Datasheet
3Mb / 4P
~13째 x 45째 oval beam optimized for Nichia NJSx036.
FCN11102 LEDIL-FCN11102 Datasheet
1Mb / 4P
~10째 x 40째 oval beam optimized for Seoul P4. 14.65 mm high assembly
CA12815 LEDIL-CA12815 Datasheet
6Mb / 8P
~13째 x 45째 oval beam optimized for Luxeon Rebel
CA13631 LEDIL-CA13631 Datasheet
13Mb / 12P
~40째 x 13째 oval beam
FP11121 LEDIL-FP11121 Datasheet
1Mb / 6P
~45째 x 20째 oval beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com