Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C12473 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C12473
Description  ~75째 135째 wide area beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12473 Datasheet(HTML) 1 Page - Ledil, Inc.

  C12473 Datasheet HTML 1Page - Ledil, Inc. C12473 Datasheet HTML 2Page - Ledil, Inc. C12473 Datasheet HTML 3Page - Ledil, Inc. C12473 Datasheet HTML 4Page - Ledil, Inc. C12473 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
C12473_SIRI-A
SIRI-A
~75° 135° wide area beam
TECHNICAL SPECIFICATIONS:
Dimensions
13.9 mm
Height
4.2 mm
Fastening
glue, pin
Colour
clear
Box size
Box weight
3.9 kg
Quantity in Box
4560 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
SIRI-A
Lens
PMMA
clear
Last update: 16/03/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C12473

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12476 CREE-C12476 Datasheet
2Mb / 57P
Mirella reflector
logo
Ledil, Inc.
C12476 LEDIL-C12476 Datasheet
12Mb / 24P
~15째 spot beam
logo
Cree, Inc
C12477 CREE-C12477 Datasheet
3Mb / 62P
Mirella reflector
logo
Ledil, Inc.
C12477 LEDIL-C12477 Datasheet
14Mb / 23P
~30째 medium beam
logo
Cree, Inc
C12478 CREE-C12478 Datasheet
2Mb / 63P
Mirella reflector
More results

Similar Description - C12473

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12474 LEDIL-CA12474 Datasheet
1Mb / 6P
~75째 135째 wide area beam. Assembly with installation tape.
C11518 LEDIL-C11518 Datasheet
1Mb / 4P
~170째 wide area beam
C12353 LEDIL-C12353 Datasheet
2Mb / 4P
~90째 170째 wide area beam
C16254 LEDIL-C16254 Datasheet
1Mb / 5P
Wide IESNA Type IV beam with forward-throw beam for wide area lighting like car parks.
CA11519 LEDIL-CA11519 Datasheet
2Mb / 5P
~170째 wide area beam. Assembly with installation tape.
CA12396 LEDIL-CA12396 Datasheet
1Mb / 4P
~90째 170째 wide area beam. Assembly with installation tape.
C13936 LEDIL-C13936 Datasheet
6Mb / 10P
Beam for area lighting and applications demanding a wide oval beam pattern
C16248 LEDIL-C16248 Datasheet
1Mb / 4P
Wide IESNA Type IV beam with forward-throw beam for wide area lighting like car parks.
C10949 LEDIL-C10949 Datasheet
1Mb / 7P
Wide oval beam for area lighting
CA10950 LEDIL-CA10950 Datasheet
1Mb / 6P
Wide oval beam for area lighting
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com