Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA10561 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA10561
Description  ~11째 spot beam optimized for Osram Golden Dragon . Assembly with white holder.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10561 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA10561 Datasheet HTML 1Page - Ledil, Inc. CA10561 Datasheet HTML 2Page - Ledil, Inc. CA10561 Datasheet HTML 3Page - Ledil, Inc. CA10561 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA10561_OSS-2-RS
OSS-2-RS
~11° spot beam optimized for Osram Golden
Dragon . Assembly with white holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 + 21.6 mm
Height
13.9 mm
Fastening
tape
Colour
white
Box size
451 x 254 x 152 mm
Box weight
7.5 kg
Quantity in Box
1440 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-RS
Lens
PMMA
clear
ROSE-HLD
Holder
PC
white
ROSE-TAPE
Tape
PU tape
black
Last update: 16/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA10561

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10561 LEDIL-CA10561 Datasheet
230Kb / 4P
Rose Assembly
More results

Similar Description - CA10561

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10642 LEDIL-FA10642_18 Datasheet
2Mb / 5P
~16째 diffused spot beam optimized for Osram Golden Dragon
CA12046 LEDIL-CA12046_18 Datasheet
4Mb / 4P
~16째 diffused spot beam optimized for Osram Golden Dragon
CA10569 LEDIL-CA10569_18 Datasheet
2Mb / 4P
~30째 medium beam optimized for Osram Golden Dragon . Assembly with white holder.
CA12081 LEDIL-CA12081_18 Datasheet
1Mb / 4P
~80째 wide beam optimized for Osram Golden Dragon . Assembly with white holder.
FA10299 LEDIL-FA10299_18 Datasheet
3Mb / 4P
~11째 spot beam optimized for Osram Golden Dragon . Assembly with white holder.
FA10300 LEDIL-FA10300_18 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Osram Golden Dragon . Assembly with white holder.
FA10301 LEDIL-FA10301_18 Datasheet
3Mb / 4P
~30째 medium beam optimized for Osram Golden Dragon . Assembly with white holder.
FA10327 LEDIL-FA10327_18 Datasheet
3Mb / 4P
~15째 smooth spot beam optimized for Osram Golden Dragon . Assembly with white holder and installation tape.
FA10886 LEDIL-FA10886_18 Datasheet
3Mb / 4P
~13째 spot beam optimized for Osram Golden Dragon . Assembly with holder and installation tape.
FA10342 LEDIL-FA10342_18 Datasheet
3Mb / 4P
~50째 wide beam optimized for Osram Golden Dragon . Assembly with white holder.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com