Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA10609 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA10609
Description  ~15째 smooth spot beam optimized for Nichia NS6x83. Assembly with white holder.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10609 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA10609 Datasheet HTML 1Page - Ledil, Inc. CA10609 Datasheet HTML 2Page - Ledil, Inc. CA10609 Datasheet HTML 3Page - Ledil, Inc. CA10609 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA10609_NIS83-MX-2-SS
NIS83-MX-2-SS
~15° smooth spot beam optimized for Nichia
NS6x83. Assembly with white holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 + 21.6 mm
Height
13.5 mm
Fastening
tape
Colour
white
Box size
451 x 254 x 152 mm
Box weight
0 kg
Quantity in Box
1440 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE2-SS
Lens
PMMA
ROSE-HLD-N83-WHT
Holder
PC
white
ROSE-TAPE
Tape
PU tape
black
Last update: 17/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA10609

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10608 LEDIL-CA10608 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Nichia NS6x83. Assembly with white holder.
More results

Similar Description - CA10609

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10594 LEDIL-CA10594 Datasheet
2Mb / 4P
~15째 smooth spot beam optimized for Nichia NJSx036. Assembly with white holder.
CA10608 LEDIL-CA10608 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Nichia NS6x83. Assembly with white holder.
CA10610 LEDIL-CA10610 Datasheet
2Mb / 4P
~11째 spot beam optimized for Nichia NS6x83. Assembly with white holder.
CA10611 LEDIL-CA10611 Datasheet
3Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NS6x83. Assembly with white holder.
CA12123 LEDIL-CA12123 Datasheet
4Mb / 4P
~15째 smooth spot beam optimized for Nichia NS6x83. Assembly with black holder.
CA13620 LEDIL-CA13620 Datasheet
2Mb / 5P
~15째 smooth spot beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
CA13621 LEDIL-CA13621 Datasheet
1Mb / 5P
~11째 spot beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
FA10337 LEDIL-FA10337 Datasheet
2Mb / 4P
~15째 smooth spot beam optimized for Nichia NS6x83. Assembly with white holder and installation tape.
FA11233 LEDIL-FA11233 Datasheet
6Mb / 4P
~15째 smooth spot beam optimized for Nichia NS9x153. Assembly with black holder.
FCA10935 LEDIL-FCA10935 Datasheet
1Mb / 3P
~15째 smooth spot beam optimized for Nichia NJSx036. Assembly with white holder.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com