Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4091 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4091
Description  36V Battery Charger and Power Backup Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4091 Datasheet(HTML) 3 Page - Linear Technology

  LTC4091 Datasheet HTML 1Page - Linear Technology LTC4091 Datasheet HTML 2Page - Linear Technology LTC4091 Datasheet HTML 3Page - Linear Technology LTC4091 Datasheet HTML 4Page - Linear Technology LTC4091 Datasheet HTML 5Page - Linear Technology LTC4091 Datasheet HTML 6Page - Linear Technology LTC4091 Datasheet HTML 7Page - Linear Technology LTC4091 Datasheet HTML 8Page - Linear Technology LTC4091 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTC4091
3
4091fa
For more information www.linear.com/LTC4091
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. (Note 2) VIN = RUN/SS = 12V, BOOST = 17V, VBAT = 3.7V and
RPROG = 105k, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Step-Down Regulator
VVIN
Operating Supply Voltage
l
6
36
V
VOVLO
VIN Overvoltage Lockout Threshold
l
36
38
40
V
IVIN
VIN Bias Current
Shutdown; RUN/SS = 0.2V
Charger Terminated, RHVPR = 4.99k
0.01
1.1
1
µA
mA
VOUT
Output Voltage with VIN Present
Assumes HVOUT to OUT Connection
3.45
VBAT+0.1
4.45
V
fSW
Switching Frequency
RT = 8.66k
RT = 29.4k
RT = 187k
2.1
900
160
2.4
1000
200
2.7
1150
240
MHz
kHz
kHz
tOFF
Minimum Switch Off-Time
l
60
150
ns
ISW(MAX)
Switch Current Limit
2.5
3.8
5.0
A
VSAT
Switch VCESAT
ISW = 2A
500
mV
IR
Boost Schottky Reverse Leakage
SW = 10V, HVOUT = 0V
0.02
2
µA
VB(MIN)
Minimum Boost Voltage (Note 6)
l
1.5
2.1
V
IBST
BOOST Pin Current
ISW = 1A
22
35
mA
Battery Management (Note 8)
IBAT
Battery Drain Current
VVIN = 0V, BAT Powers OUT, No Load
l
60
100
µA
VCHG
VBAT Regulated Output Voltage
IBAT = 2mA; V4P1 = Open
IBAT = 2mA; V4P1 = BAT
4.148
4.048
4.200
4.100
4.252
4.152
V
V
ICHG
Constant-Current Mode Charge Current
RPROG = 105k, No Load
RPROG = 52.3k, No Load; 0 ≤ TA ≤ 85°C
l
l
465
880
500
1000
550
1100
mA
mA
ICHG(MAX) Maximum Charge Current
(Note 5)
1.5
A
VPROG
PROG Pin Servo Voltage
RPROG = 105k
RPROG = 52.3k
l
l
0.98
0.98
1.00
1.00
1.02
1.02
V
V
kEOC
Ratio of End-of-Charge Indication Current to
Charge Current
VBAT = VCHG (4.2V)
l
0.08
0.1
0.13
mA/mA
ITRKL
Trickle Charge Current
BAT = 2V
35
50
75
mA
VTRKL
Trickle Charge Threshold Voltage
BAT Rising
l
2.75
2.9
3.0
V
VCEN
Charger Enable Threshold Voltage
(VOUT – VBAT) Falling; VBAT = 4V
(VOUT – VBAT) Rising; VBAT = 4V
55
80
mV
mV
ΔVRECHRG Recharge Battery Threshold Voltage
Threshold Voltage Relative to VCHG
l
–65
–100
–150
mV
tTIMER
TIMER Accuracy
VBAT = 4.3V
–10
10
%
Recharge Time
Percent of Total Charge Time
50
%
Low Battery Trickle Charge Time
Percent of Total Charge Time,
VBAT < VTRKL
25
%
TLIM
Junction Temperature in Constant Temperature
Mode
105
°C
Internal Ideal Diode
RDIO,ON
On Resistance VBAT to VOUT
IOUT = 2A
75
mΩ
VFWD
Voltage Forward Drop (VBAT – VOUT)
IOUT = 5mA
IOUT = 100mA
IOUT = 1000mA
l
10
30
40
75
50
mV
mV
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com