Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4121 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4121
Description  40V 400mA Synchronous Step-Down Battery Charger
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4121 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4121 Datasheet HTML 16Page - Linear Technology LTC4121 Datasheet HTML 17Page - Linear Technology LTC4121 Datasheet HTML 18Page - Linear Technology LTC4121 Datasheet HTML 19Page - Linear Technology LTC4121 Datasheet HTML 20Page - Linear Technology LTC4121 Datasheet HTML 21Page - Linear Technology LTC4121 Datasheet HTML 22Page - Linear Technology LTC4121 Datasheet HTML 23Page - Linear Technology LTC4121 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LTC4121/LTC4121-4.2
20
4121fc
For more information www.linear.com/LTC4121
APPLICATIONS INFORMATION
For a given input and battery voltage, the inductor value
and switching frequency determines the peak-to-peak
ripplecurrentamplitudeaccordingtothefollowingformula:
∆IL =
VIN − VBAT
(
) • VBAT
fOSC • VIN •LSW
Ripple current is typically set to be within a range of 20%
to 40% of the programmed charge current, ICHG.Toobtain
a ripple current in this range, select an inductor value us-
ing the nearest standard inductance value available that
obeys the following formula:
LSW ≥
VIN(MAX) − VFLOAT
(
)•VFLOAT
fOSC • VIN(MAX) • 30% •ICHG
(
)
Then select an inductor with a saturation current rating
greater than IL(PEAK).
Input Capacitor
The LTC4121 charger is biased directly from the input
supply at the VIN pin. This supply provides large switched
currents, so a high-quality, low ESR decoupling capacitor
is recommended to minimize voltage glitches at VIN. Bulk
capacitance is a function of the desired input ripple voltage
(∆VIN), and follows the relation:
CIN(BULK) =
ICHG •
VBAT
VIN
∆VIN
(µF)
Input ripple voltages (∆VIN) above 0.01V are not recom-
mended. 10µF is typically adequate for most charger
applications, with a voltage rating of 40V.
The input capacitor also forms a pole with the source
impedance that supplies power to VIN. This R-C network
must settle within the 36ms PWMP period for the LTC4121
to accurately sample the open-circuit voltage at VIN.
Adequate settling is usually achieved in 3 to 5 R-C time
constants. To allow the LTC4121 to correctly sample the
open-circuit voltage, limit CIN to:
CIN < PWMP / (5 • RSOURCE),
where RSOURCE is the impedance of the power source.
For a solar panel this is the impedance of the panel at the
open-circuit voltage. Looking at a panel's I-V curve, the
source impedance is approximated by (VOC – VMP)/IMP.
Typically VMP is about 80% of VOC, so the solar panels
source impedance can be approximated as:
RSOURCE ≈ VOC / (5 • IMP).
Reverse Blocking
When a fully charged battery is suddenly applied to the
BAT pin, a large in-rush current charges the CIN capacitor
through the body diode of the LTC4121 topside power
switch. While the amplitude of this current can exceed
several Amps, the LTC4121 will survive provided the bat-
tery voltage is below about 11V. To completely eliminate
this in-rush current, a blocking P-channel MOSFET should
be placed in series with the BAT pin. When the battery is
the only source of power, this PMOS also serves to de-
crease battery drain current due to any load placed at VIN,
conducted through the body diode of the topside power
switch on the LTC4121. The PMOS body diode shown in
Figure 8 serves as the blocking component since CHRG is
high impedance when the battery voltage is greater than
the input voltage. When CHRG pulls low, i.e. during most
of a normal charge cycle, the PMOS is on to reduce power
dissipation. The PMOS requires a forward current rating
equal to the programmed charge current and a reverse
breakdown voltage equal to the programmed float voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com