Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC7000 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC7000
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7000 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC7000 Datasheet HTML 9Page - Linear Technology LTC7000 Datasheet HTML 10Page - Linear Technology LTC7000 Datasheet HTML 11Page - Linear Technology LTC7000 Datasheet HTML 12Page - Linear Technology LTC7000 Datasheet HTML 13Page - Linear Technology LTC7000 Datasheet HTML 14Page - Linear Technology LTC7000 Datasheet HTML 15Page - Linear Technology LTC7000 Datasheet HTML 16Page - Linear Technology LTC7000 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC7000/LTC7000-1
13
7000fa
For more information www.linear.com/LTC7000
applicaTions inForMaTion
to values between 20mV and 75mV. The value of resistor
for a particular sense threshold voltage can be selected
using Figure 2 or the following equation:
RISET =
Δ VTH
0.5µA
Where 20mV< ΔVTH < 75mV.
ISET RESISTOR TO GROUND (k)
0
30
60
90 120 150 180 210 240
0
10
20
30
40
50
60
70
80
7000 F02
Figure 2. RISET Selection
Optional filtering can be placed in series with the SNS– pin
as shown in Figure 3. Note that the SNS– pin takes 4µA
of bias current which will affect the current sense and
current monitoring functions. The value of RFLT needs to
be less than 250Ω to keep current sensing error less than
1mV due to the bias current associated with SNS– pin.
SNS+
SNS–
TGUP
TGDN
TS
7000 F03
LTC7000/
LTC7000-1
INP = LO, 0µA
INP = HI, 4µA
RFLT
CFLT
RSNS
M1
POWER
LOAD
Figure 3. Sense Pins Filtering
Fault Timer and Fault Flag
The LTC7000/LTC7000-1 includes an adjustable fault
timer. Connecting a capacitor from the TIMER pin to
ground sets the delay period before the external MOSFET
is turned off during an overcurrent fault condition. The
same capacitor also sets the cooldown period before the
external MOSFET is allowed to turn back on. Once a fault
condition is detected, a 100µA current charges the TIMER
pin. When the voltage on the TIMER pin reaches 1.3V, the
FAULT pin pulls low to indicate the detection of a fault
condition and provide warning of an impending power
loss. After the TIMER voltage crosses the 1.4V thresh-
old, TGDN is immediately pulled to TS turning off the
external MOSFET. The on-time of the external MOSFET,
TOVER_CURRENT, during an overcurrent event is given by
the following equation:
TOVER_CURRENT =
1.4V • CTIMER
100µA
+1.5µs
The warning time, TWARNING, generated by an overcurrent
event is given by the following equation:
TWARNING =
0.1V • CTIMER
100µA
+1.5µs
If the overcurrent fault condition disappears before
TIMER has reached 1.4V, TIMER is discharged by a
2.5µA current. If TIMER had reached 1.3V (FAULT has
gone low) and the overcurrent fault condition disappears,
TIMER is discharged with a 2.5µA current and FAULT will
be reset when TIMER reaches 0.4V. The on-time and
warning times are shown graphically in Figure 4.
TIME
VTMR (V)
7000 F04
TOVER_CURRENT
14ms/µF
TWARNING
1ms/µF
TFAULT
13ms/µF
1.4
1.3
Figure 4. Fault Timer Trip Points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com