Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDP-1050-252 Datasheet(PDF) 1 Page - Mini-Circuits

Part # LDP-1050-252
Description  Diplexer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LDP-1050-252 Datasheet(HTML) 1 Page - Mini-Circuits

  LDP-1050-252 Datasheet HTML 1Page - Mini-Circuits LDP-1050-252 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
Frequency
(MHz)
Insertion Loss
(dB)
Return Loss
(dB)
Low Pass Port
High Pass Port
Common Port
Low Pass Port High Pass Port
50Ω
1 to 2500 MHz (1-1050, 1650-2500 MHz)
Diplexer
Surface Mount
Maximum Ratings
Pin Connections
Low Pass Port
3
High Pass Port
1
Common Port
5
Ground
2,4,6
Operating Temperature
-40°C to 85°C
Storage Temperature*
-55°C to 100°C
RF Power Input**
2W at 25°C
Features
• low insertion loss
• high rejection
• temperature stable
• miniature package
Applications
• satellite systems
• communication systems
• multiband systems
• cellular
• GPS
• WCDMA
LDP-1050-252+
Outline Dimensions (
)
inch
mm
Outline Drawing
REV. B
M151107
LDP-1050-252+
ED-15031/1
WZ/CP/AM
150819
Electrical Specifications at 25°C
Typical Performance Data at 25°C
CASE STYLE: FV1206-1
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Parameter
Port
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Insertion Loss
Low Pass
1 - 1050
—
0.6
1.5
dB
High Pass
1650 - 2150
—
1.0
1.8
2150 - 2500
—
2.0
2.9
Return Loss
Low Pass
1 - 1050
10
15
—
dB
High Pass
1650 - 2150
6
12
—
2150 - 2500
—
8
—
Common
1 - 1050
11
14
—
1650 - 2150
6
17
—
2150 - 2500
—
8
Stop Band Isolation
High Pass
1 - 200
20
32
—
dB
200 - 800
18
21
—
800 - 1050
20
25
—
Low Pass
1650 - 2500
18
31
—
dB
A
B
C
D
E
F
.126
.063
.035
.024
.022
.011
3.20
1.60
0.89
0.61
0.56
0.28
G
H
J
K
wt
.039
.024
.042
.123
grams
0.99
0.61
1.07
3.12
.020
Functional Schematic
100.0
0.11
30.80
24.17
24.26
0.02
300.0
0.35
22.54
15.04
15.29
0.12
400.0
0.49
21.14
13.10
13.47
0.17
600.0
0.72
20.78
11.37
12.00
0.26
700.0
0.78
21.60
11.43
12.26
0.30
900.0
0.78
27.30
14.35
17.03
0.35
1200.0
2.68
10.37
8.55
7.12
1.62
1350.0
7.27
4.66
6.02
4.30
6.21
1500.0
13.90
2.23
8.55
7.48
14.17
1650.0
27.00
0.86
16.26
1.70
17.27
1940.0
26.39
0.71
13.48
0.65
13.49
2150.0
30.06
1.19
8.22
0.51
8.31
2220.0
31.38
1.39
7.26
0.48
7.34
2360.0
32.90
1.81
5.87
0.45
5.95
2500.0
32.48
2.23
4.90
0.44
4.98
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
(ON TOP)
(ON TOP)
Demo Board MCL P/N: TB-706
Suggested PCB Layout (PL-398)
* 12 months max.
** passband rating, derate linearly to 0.5W at 85°C ambient.
Permanent damage may occur if any of these limits are exceeded.


Similar Part No. - LDP-1050-252

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LDP-2R2608RD-50 LUMEX-LDP-2R2608RD-50 Datasheet
147Kb / 3P
CUSTOM LED DISPLAY
logo
Source Photonics, Inc.
LDP-FC-31Z-H-T-AMFCN SOURCE-LDP-FC-31Z-H-T-AMFCN Datasheet
518Kb / 4P
1310nm & 1550nm Laser Diode Module
LDP-FC-31Z-H-T-AMFCT SOURCE-LDP-FC-31Z-H-T-AMFCT Datasheet
518Kb / 4P
1310nm & 1550nm Laser Diode Module
LDP-FC-31Z-H-T-AMNCN SOURCE-LDP-FC-31Z-H-T-AMNCN Datasheet
518Kb / 4P
1310nm & 1550nm Laser Diode Module
LDP-FC-31Z-H-T-AMNCT SOURCE-LDP-FC-31Z-H-T-AMNCT Datasheet
518Kb / 4P
1310nm & 1550nm Laser Diode Module
More results

Similar Description - LDP-1050-252

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SDP-2R15 MINI-SDP-2R15 Datasheet
561Kb / 3P
Diplexer
ZX75-23 MINI-ZX75-23 Datasheet
361Kb / 3P
Diplexer
DPLX-4254A0 MINI-DPLX-4254A0 Datasheet
411Kb / 3P
Diplexer
LDPG-212-322 MINI-LDPG-212-322 Datasheet
367Kb / 3P
Diplexer
DPLC-4254A0 MINI-DPLC-4254A0 Datasheet
492Kb / 3P
Diplexer
ZDPL-4254-75-F MINI-ZDPL-4254-75-F Datasheet
570Kb / 3P
Diplexer
ZDSS-3G4G MINI-ZDSS-3G4G Datasheet
645Kb / 3P
Diplexer
ZDSS-3G4G-S MINI-ZDSS-3G4G-S Datasheet
645Kb / 3P
Diplexer
DPLC-8510A01M MINI-DPLC-8510A01M Datasheet
500Kb / 4P
Diplexer
RDP-6500 MINI-RDP-6500 Datasheet
468Kb / 3P
Diplexer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com