Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5403 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP5403
Description  High Efficiency Dual Buck and One Load Switch Power Management Unit EV Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5403 Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP5403 Datasheet HTML 1Page - Monolithic Power Systems MP5403 Datasheet HTML 2Page - Monolithic Power Systems MP5403 Datasheet HTML 3Page - Monolithic Power Systems MP5403 Datasheet HTML 4Page - Monolithic Power Systems MP5403 Datasheet HTML 5Page - Monolithic Power Systems MP5403 Datasheet HTML 6Page - Monolithic Power Systems MP5403 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EV5403-QB-02A – DUAL BUCK AND ONE LOAD SWITCH PMIC
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV5403-QB-02A Rev.1.0
www.MonolithicPower.com
7
2/6/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
QUICK START GUIDE
The output voltage of this board is set externally by operating from +2.7V to +6V for VIN1, +2V to +6V for
VIN2(if VIN1>2.7V) and +0.5V to +6V for VIN3(if VIN1>2.7V). The default output voltage of this board is set
to VOUT1=1.2V, VOUT2=1.2V.
1. Preset Power Supply to 2.7V
 VIN1  6V, 2V  VIN2  6V, 0.5V  VIN3  6V.
2. Turn Power Supply off.
3. Connect Power Supply terminals to:
a. Positive (+): VIN1, VIN2, VIN3(connect to VIN1 or VIN2 or external power)
b. Negative (–): GND
4. Connect Load to:
a. Positive (+): VOUT1
b. Negative (–): GND
c. Positive (+): VOUT2
d. Negative (–): GND
e. Positive (+): VOUT3
f. Negative (–): GND
5. Turn Power Supply on after making connections.
6. To enable the MP5403, apply a voltage, 1.3V
 VEN  6V, to the EN pin. To disable the MP5403,
apply a voltage, VEN <0.4V, to the EN pin. The EN pin can be connected to VIN with a 100kΩ
resistor for automatic startup.
7. The output voltage VOUT can be changed by varying R2A or R2B. Calculate the new value by
formula:
OUT
R1A(orR1B)
R2A(orR2B)
V
1
0.6V
Figure 4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com