Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC137DB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC137DB
Description  3-to-8 line decoder, demultiplexer with address latches inverting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC137DB Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC137DB Datasheet HTML 1Page - NXP Semiconductors 74HC137DB Datasheet HTML 2Page - NXP Semiconductors 74HC137DB Datasheet HTML 3Page - NXP Semiconductors 74HC137DB Datasheet HTML 4Page - NXP Semiconductors 74HC137DB Datasheet HTML 5Page - NXP Semiconductors 74HC137DB Datasheet HTML 6Page - NXP Semiconductors 74HC137DB Datasheet HTML 7Page - NXP Semiconductors 74HC137DB Datasheet HTML 8Page - NXP Semiconductors 74HC137DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
9397 750 13804
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 11 November 2004
2 of 19
Philips Semiconductors
74HC137
3-to-8 line decoder, demultiplexer with address latches; inverting
3.
Quick reference data
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(C
L × VCC
2
× f
o) = sum of outputs.
4.
Ordering information
Table 1:
Quick reference data
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tPHL, tPLH
propagation delay
CL = 15 pF; VCC =5 V
An to Yn
-
18
-
ns
LE to Yn
-
17
-
ns
E1 to Yn
-
15
-
ns
E2 to Yn
-
15
-
ns
CI
input capacitance
-
3.5
-
pF
CPD
power dissipation
capacitance
VI = GND to VCC
[1] -57
-
pF
Table 2:
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC137N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HC137D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HC137DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com