Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6001DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6001DN
Description  Monolithic Flyback/Forward DC-DC Converter Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6001DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6001DN Datasheet HTML 1Page - Monolithic Power Systems MP6001DN Datasheet HTML 2Page - Monolithic Power Systems MP6001DN Datasheet HTML 3Page - Monolithic Power Systems MP6001DN Datasheet HTML 4Page - Monolithic Power Systems MP6001DN Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EV6001DN-01A – MONOLITHIC FLYBACK/FORWARD DC-DC CONVERTER EV BOARD
EV6001DN-01A Rev. 1.1
www.MonolithicPower.com
2
10/11/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
MP6001
GND
LINE
FB
COMP
8
7
6
5
1
2
3
4
SW
VIN
VCC
RT
+
VCC
VCC
VIN
GND
EN
TRIM
VOUT
5V/2.7A
GND
C9
1nF
T1
Output
Output
Output
Feedback
Primary
D4
40V/3A
B340A-13
FB1
EV6001DN-01A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
2
C1, C3
2.2µF
Ceramic Cap., 100V, X7R
1210
Murata
GRM32ER72A225KA35L
1
C2
10nF
Ceramic Cap., 50V, X7R
603
TDK
C1608X7R1H103K
1
C4
10µF
Ceramic Cap., 16V, X7R
1206
TDK
C3216X7R1C106M
1
C5
1000pF Ceramic Cap., 2kV, NPO
1810
Any
1
C6
4.7nF
Ceramic Cap., 200V, X7R
805
Panasonic
ECJ-2VB2D472K
1
C7
1µF
Ceramic Cap., 25V, X7R
805
TDK
C2012X7R1E105K
1
C8
No Stuff
1
C9
1nF
Ceramic Cap., 50V, X7R
805
TDK
C2012X7R1H102K
1
C10
22nF
Ceramic Cap., 50V, X7R
603
TDK
C1608X7R1H223K
3
C11,
C12, C13
22µF
Ceramic Cap., 6.3V, X7R
1210
TDK
C3225X5R0J226M
1
C14
330µF PosCap., 6.3V
SMD
Sanyo
6TPE330MIL
1
C15
33nF
Ceramic Cap., 50V, X7R
603
Panasonic
ECJ-1VB1H333K
2
C16, C17
100pF Ceramic Cap., 50V, NPO
603
TDK
C1608C0G1H101J
1
D1
Diode Zener, 6.8V, 500mW
SOD-123
Diodes Inc
BZT52C6V8-7
1
D2
Diode Switch, 200V, 250mW SOD-123
Diodes Inc
BAV21W-7-F
1
D3
Diode Switch, 75V, 200mW
SOD-123
Diodes Inc
1N4148WS-7-F
1
D4
Diode Schottky, 40V, 3A
SMA
Diodes Inc
B340A-13-F



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com