Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6515 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6515
Description  2A, 35V, H-Bridge Motor Driver Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6515 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6515 Datasheet HTML 1Page - Monolithic Power Systems MP6515 Datasheet HTML 2Page - Monolithic Power Systems MP6515 Datasheet HTML 3Page - Monolithic Power Systems MP6515 Datasheet HTML 4Page - Monolithic Power Systems MP6515 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV6515-F-00A
2A, 35V,
H-Bridge Motor Driver
Evaluation Board
EV6515-F-00A Rev. 1.0
www.MonolithicPower.com
1
10/9/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV6515-F-00A is an evaluation board for
the MP6515, an H-Bridge motor driver.
It operates from a supply voltage of up to 35V
and can deliver motor current up to 2A. The
input control signals for the MP6515 are applied
through the connector on the board.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
5.4 - 35
V
Maximum Output
Current
IOUT-L
2
A
FEATURES
 Wide 5.4V to 35V Input Voltage Range
 Up to 2A Output Current
 Internal Current Sense Output
 3.3 and 5V Compatible Logic Supply
 OCP, OVP, OTP
 Fault Indication Output
APPLICATIONS
 Solenoid Drivers
 DC Brush Motor Drive
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
EV6515-F-00A EVALUATION BOARD
(L x W x H) 2.54” x 2.54” x 0.4”
(6.35cm x 6.35cm x 1cm)
Board Number
MPS IC Number
EV6515-F-00A
MP6515


Similar Part No. - MP6515

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6510 MPS-MP6510 Datasheet
511Kb / 11P
4.5V-to-16V,1.2A, Single-Phase Brushless DC Motor Driver
MP6510DM-LF MPS-MP6510DM-LF Datasheet
511Kb / 11P
4.5V-to-16V,1.2A, Single-Phase Brushless DC Motor Driver
MP6513 MPS-MP6513 Datasheet
472Kb / 11P
2.5V - 21V, 0.8A, H-Bridge Motor Driver in a TSOT23-6
MP6513GJ MPS-MP6513GJ Datasheet
472Kb / 11P
2.5V - 21V, 0.8A, H-Bridge Motor Driver in a TSOT23-6
MP6513L MPS-MP6513L Datasheet
527Kb / 11P
2.5V - 5.5V, 0.6A, H-Bridge Motor Driver in a TSOT23-6
More results

Similar Description - MP6515

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3720 CHERRY-CS3720 Datasheet
159Kb / 4P
2A H-Bridge Driver
Rev. 5/4/99
logo
New Japan Radio
NJW4810 NJRC-NJW4810 Datasheet
143Kb / 1P
35V / 1A H-Bridge Driver
logo
ATMEL Corporation
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
H-bridge Motor Driver
logo
ON Semiconductor
CS3720 ONSEMI-CS3720 Datasheet
70Kb / 4P
2A H-Bridge Driver
December, 2001 - Rev. 5
LV8762TEVB ONSEMI-LV8762TEVB Datasheet
54Kb / 1P
1-Channel H-Bridge Driver Evaluation Board
logo
Monolithic Power System...
EV6501AGF-00B MPS-EV6501AGF-00B Datasheet
504Kb / 10P
2.5A, 35V Bipolar Stepper Motor Driver Evaluation Kit
EV6514-G-00A MPS-EV6514-G-00A Datasheet
322Kb / 5P
0.6A, 14V Half H-bridge Motor Driver Evaluation Board
EV6516-F-00A MPS-EV6516-F-00A Datasheet
497Kb / 5P
2A, 35V, H-Bridge Motor Driver Evaluation Board
MP6522 MPS-MP6522 Datasheet
504Kb / 11P
35V, 3.2A, H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com