Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8494 Datasheet(PDF) 24 Page - Linear Technology

Part # LT8494
Description  SEPIC/Boost DC/DC Converter with 2A, 70V Switch, and 7關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8494 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT8494 Datasheet HTML 18Page - Linear Technology LT8494 Datasheet HTML 19Page - Linear Technology LT8494 Datasheet HTML 20Page - Linear Technology LT8494 Datasheet HTML 21Page - Linear Technology LT8494 Datasheet HTML 22Page - Linear Technology LT8494 Datasheet HTML 23Page - Linear Technology LT8494 Datasheet HTML 24Page - Linear Technology LT8494 Datasheet HTML 25Page - Linear Technology LT8494 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
LT8494
24
8494fa
For more information www.linear.com/LT8494
PACKAGE DESCRIPTION
Please refer to http://www.linear.com/product/LT8494#packaging for the most recent package drawings.
FE20 (CB) TSSOP REV L 0117
0.09 – 0.20
(.0035 – .0079)
0
° – 8°
0.25
REF
RECOMMENDED SOLDER PAD LAYOUT
0.50 – 0.75
(.020 – .030)
4.30 – 4.50*
(.169 – .177)
1
3 4 5 6 7 8 9 10
DETAIL A
DETAIL A IS THE PART OF
THE LEAD FRAME FEATURE
FOR REFERENCE ONLY
NO MEASUREMENT PURPOSE
11
12
14 13
6.40 – 6.60*
(.252 – .260)
3.86
(.152)
2.74
(.108)
20 1918 17 16 15
1.20
(.047)
MAX
0.05 – 0.15
(.002 – .006)
0.65
(.0256)
BSC
0.195 – 0.30
(.0077 – .0118)
TYP
2
2.74
(.108)
0.45
±0.05
0.65 BSC
4.50
±0.10
6.60
±0.10
1.05
±0.10
3.86
(.152)
MILLIMETERS
(INCHES)
*DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.150mm (.006") PER SIDE
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
SEE NOTE 4
4. RECOMMENDED MINIMUM PCB METAL SIZE
FOR EXPOSED PAD ATTACHMENT
6.40
(.252)
BSC
FE Package
20-Lead Plastic TSSOP (4.4mm)
(Reference LTC DWG # 05-08-1663 Rev L)
Exposed Pad Variation CB
DETAIL A
0.60
(.024)
REF
0.28
(.011)
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com