Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8610AC Datasheet(PDF) 3 Page - Linear Technology

Part # LT8610AC
Description  42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610AC Datasheet(HTML) 3 Page - Linear Technology

  LT8610AC Datasheet HTML 1Page - Linear Technology LT8610AC Datasheet HTML 2Page - Linear Technology LT8610AC Datasheet HTML 3Page - Linear Technology LT8610AC Datasheet HTML 4Page - Linear Technology LT8610AC Datasheet HTML 5Page - Linear Technology LT8610AC Datasheet HTML 6Page - Linear Technology LT8610AC Datasheet HTML 7Page - Linear Technology LT8610AC Datasheet HTML 8Page - Linear Technology LT8610AC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LT8610AC/LT8610AC-1
3
8610acfa
For more information www.linear.com/LT8610AC
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT8610ACE/LT8610ACE-1 is guaranteed to meet performance
specifications from 0°C to 125°C junction temperature. Specifications over
the –40°C to 125°C operating junction temperature range are assured by
design, characterization, and correlation with statistical process controls.
The LT8610ACI/LT8610ACI-1 is guaranteed over the full –40°C to 125°C
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INTVCC Voltage
ILOAD = 0mA, VBIAS = 0V
ILOAD = 0mA, VBIAS = 3.3V
3.23
3.25
3.4
3.29
3.57
3.35
V
V
INTVCC Undervoltage Lockout
2.37
2.47
2.57
V
BIAS Pin Current Consumption
VBIAS = 3.3V, ILOAD = 1A, 2MHz
9.2
mA
Minimum On-Time
ILOAD = 1A, SYNC = 0V
ILOAD = 1A, SYNC = 3.3V
l
l
15
15
30
30
45
45
ns
ns
Minimum Off-Time
95
125
ns
Oscillator Frequency
RT = 221k, ILOAD = 1A (LT8610AC Only)
RT = 60.4k, ILOAD = 1A (LT8610AC Only)
RT = 18.2k, ILOAD = 1A (LT8610AC/LT8610AC-1)
l
l
l
180
665
1.85
210
700
2.00
240
735
2.15
kHz
kHz
MHz
Top Power NMOS On-Resistance
ISW = 1A
120
mΩ
Top Power NMOS Current Limit
l
5
6.7
8
A
Bottom Power NMOS On-Resistance
VINTVCC = 3.4V, ISW = 1A
65
mΩ
Bottom Power NMOS Current Limit
VINTVCC = 3.4V
3.4
4.3
5.4
A
SW Leakage Current
VIN = 42V, VSW = 0V, 42V
–1.5
1.5
µA
EN/UV Pin Threshold
EN/UV Rising
l
0.955
1.015
1.075
V
EN/UV Pin Hysteresis
50
mV
EN/UV Pin Current
VEN/UV = 2V
–20
20
nA
PG Upper Threshold Offset from VFB
VFB Falling
l
5
8.0
11
%
PG Lower Threshold Offset from VFB
VFB Rising
l
–11
–8.0
–5
%
PG Hysteresis
0.4
%
PG Leakage
VPG = 3.3V
–40
40
nA
PG Pull-Down Resistance
VPG = 0.1V
l
680
2000
Ω
SYNC Threshold
SYNC Falling
SYNC Rising
0.8
1.6
1.1
2.0
1.4
2.4
V
V
TR/SS Source Current
l
1.0
2.0
3.2
µA
TR/SS Pull-Down Resistance
Fault Condition, TR/SS = 0.1V
230
Ω
operating junction temperature range. The LT8610ACH/LT8610ACH-1 is
guaranteed over the full –40°C to 150°C operating junction temperature
range. High junction temperatures degrade operating lifetimes. Operating
lifetime is derated at junction temperatures greater than 125°C.
Note 3: This IC includes overtemperature protection that is intended to
protect the device during overload conditions. Junction temperature will
exceed 150°C when overtemperature protection is active. Continuous
operation above the specified maximum operating junction temperature
will reduce lifetime.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com