Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3111 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3111
Description  15V, 1.5A Synchronous Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3111 Datasheet(HTML) 3 Page - Linear Technology

  LTC3111 Datasheet HTML 1Page - Linear Technology LTC3111 Datasheet HTML 2Page - Linear Technology LTC3111 Datasheet HTML 3Page - Linear Technology LTC3111 Datasheet HTML 4Page - Linear Technology LTC3111 Datasheet HTML 5Page - Linear Technology LTC3111 Datasheet HTML 6Page - Linear Technology LTC3111 Datasheet HTML 7Page - Linear Technology LTC3111 Datasheet HTML 8Page - Linear Technology LTC3111 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC3111
3
3111fa
For more information www.linear.com/LTC3111
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = VOUT = PWM/SYNC = RUN = 5V unless otherwise
noted.
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
Input Operating Range
l
2.5
15
V
VIN UVLO Threshold
Rising
l
1.9
2.1
2.3
V
VIN UVLO Hysteresis
200
mV
VCC UVLO Threshold
Rising
l
2.2
2.35
2.5
V
VCC UVLO Hysteresis
190
mV
Output Voltage Adjust Range
l
2.5
15
V
INTVCC Clamp Voltage
VIN = 5V or 15V
l
3.9
4.2
4.5
V
Quiescent Current—Burst Mode Operation
FB = 1V, PWM/SYNC = 0V
55
80
µA
Quiescent Current—Shutdown
RUN = VOUT = VCC = 0V, Not Including Switch Leakage
0
1
µA
Feedback Voltage
PWM Operation
l
0.78
0.8
0.82
V
Feedback Leakage
FB = 0.8V
0
50
nA
NMOS Switch Leakage
Switches A, B, C, D, VIN = VOUT = 15V
0.5
5
µA
NMOS Switch On-Resistance
Switch A
90
mΩ
Switch B, C, D
105
mΩ
Input Current Limit
l
2.3
3
3.7
A
Peak Current Limit
5.8
A
Burst Current Limit
PWM/SYNC = 0V
0.8
A
Burst Zero Current Threshold
PWM/SYNC = 0V
0.1
A
Reverse Current Limit
–1
A
Maximum Duty Cycle
Percentage of the Period SW2 is Low in Boost Mode
(Note 7)
l
85
90
%
Minimum Duty Cycle
Percentage of the Period SW1 is Low in Buck Mode
(Note 7)
l
0
%
SW1, SW2 Minimum Low Time
(Note 7)
160
ns
Frequency
PWM/SYNC = 5V
l
700
800
900
kHz
SYNC Frequency Range
(Note 6)
l
600
1500
kHz
PWM/SYNC Threshold
l
0.5
0.9
1.5
V
RUN Threshold to Enable VCC
Rising
l
0.35
0.8
1.15
V
RUN Threshold to Disable VCC
Falling
l
0.3
V
RUN Threshold to Enable Switching
Rising
l
1.15
1.18
1.23
V
RUN Hysteresis
120
mV
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetimes.
Note 2: The LTC3111 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3111E is guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3111I is guaranteed to meet performance specifications from –40°C
to 125°C junction temperature, the LTC3111H is guaranteed to meet
performance specifications from –40°C to 150°C junction temperature
and the LTC3111MP is guaranteed and tested to meet performance
specifications from –55°C to 150°C junction temperature. High junction
temperatures degrade operating lifetimes: operating lifetime is derated
for junction temperatures greater than 125°C. Note that the maximum
ambient temperature consistent with these specifications is determined by
specific operating conditions in conjunction with board layout, the rated
package thermal resistance and other environmental factors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com