Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3130 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3130
Description  25V, 600mA Buck-Boost DC/DC Converter with 1.6關A Quiescent Current
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3130 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3130 Datasheet HTML 9Page - Linear Technology LTC3130 Datasheet HTML 10Page - Linear Technology LTC3130 Datasheet HTML 11Page - Linear Technology LTC3130 Datasheet HTML 12Page - Linear Technology LTC3130 Datasheet HTML 13Page - Linear Technology LTC3130 Datasheet HTML 14Page - Linear Technology LTC3130 Datasheet HTML 15Page - Linear Technology LTC3130 Datasheet HTML 16Page - Linear Technology LTC3130 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LTC3130/LTC3130-1
13
3130f
For more information www.linear.com/LTC3130
LTC3130 BLOCK DIAGRAM
UV
0.7V
FB
PGOOD
3130 BD
VC
1.0V
–7.5%
CLAMP
VCC
PGND
GND
ILIM
600mA
200mA
C
VSENSE
VSENSE
VSENSE
VSENSE
D
VCC
DRIVER
OSC
DRIVER
+
–
+
–
+
–
LOGIC
IPK
IZERO
ENABLE
1.2A
+
–
+
–
50mA
RESET
SLEEP
1.0V
1.05V
0.6V
THERMAL
SHUTDOWN
SOFT-START
B
A
VCC
BST
EXTVCC
VIN
VIN
VCC
RUN
MPPC
MODE
3M
4V
1.0V
VCC_GD
VREF_GD
START
VREF
SW1
SW2
BST2
DRIVER
LDO
VREF
ISENSE
DRIVER
100mV
VOUT
VOUT
+
–
ON
VCC_GD
PVIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com