Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7451 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7451
Description  Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7451 Datasheet(HTML) 2 Page - Analog Devices

  AD7451 Datasheet HTML 1Page - Analog Devices AD7451 Datasheet HTML 2Page - Analog Devices AD7451 Datasheet HTML 3Page - Analog Devices AD7451 Datasheet HTML 4Page - Analog Devices AD7451 Datasheet HTML 5Page - Analog Devices AD7451 Datasheet HTML 6Page - Analog Devices AD7451 Datasheet HTML 7Page - Analog Devices AD7451 Datasheet HTML 8Page - Analog Devices AD7451 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
REV. PrC
PRELIMINARY TECHNICAL DATA
–2–
Parameter
Test Conditions/Comments
B Version
1
Unit
DYNAMIC PERFORMANCE
Signal to (Noise + Distortion)
(SINAD)
2
70
dB min
Total Harmonic Distortion (THD)
2
-80dB typ
-75
dB max
Peak Harmonic or Spurious Noise
2
-82dB typ
-75
dB max
Intermodulation Distortion (IMD)
2
Second Order Terms
-85
dB typ
Third Order Terms
-85
dB typ
Aperture Delay
2
10
ns typ
Aperture Jitter
2
50
ps typ
Full Power Bandwidth
2
@ -3 dB
20
MHz typ
@ -0.1 dB
2.5
MHz typ
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity (INL)2
± 1
LSB max
Differential Nonlinearity (DNL)
2
Guaranteed No Missed Codes
to 12 Bits.
± 1
LSB max
Offset Error2
± 3
LSB max
Gain Error
2
± 3
LSB max
ANALOG INPUT
Full Scale Input Span
VIN+ - VIN-
VREF
V
Absolute Input Voltage
VIN+
VREF
V
VIN-
3
0.1 to 1
V
DC Leakage Current
± 1
µA max
Input Capacitance
When in Track
20
pF typ
When in Hold
6
pF typ
REFERENCE INPUT
VREF Input Voltage
±1% tolerance for
specified performance
2.5
V
DC Leakage Current
± 1
µA max
VREF Input Capacitance
15
pF typ
LOGIC INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IIN
Typically 10nA, VIN = 0VorVDD
± 1
µA max
Input Capacitance, CIN
4
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDD = 5V; ISOURCE = 200µA
2.8
V min
VDD = 3V; ISOURCE = 200µA
2.4
V min
Output Low Voltage, VOL
ISINK =200µA
0.4
V max
Floating-State Leakage Current
± 1
µA max
Floating-State Output Capacitance4
10
pF max
Output Coding
Straight
(Natural)
Binary
AD7451 - SPECIFICATIONS1
( VDD = 2.7V to 5.25V, fSCLK = 18MHz, fS = 1MHz, VREF = 2.5 V; FIN = 300kHz;
TA = TMIN to TMAX, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com