Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-41 Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # AT-41
Description  For OA / AV
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

AT-41 Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  AT-41 Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Units
- 34 -
AT-41 / AT-41CD2
For OA / AV
120306_AT-41_e
AT-41
AT-41CD2
Item
Model
AT-41
AT-41CD2
Nominal Frequency
3 to 37MHz
26 to 60MHz
60 to 75MHz
3 to 37MHz
26 to 60MHz
60 to 75MHz
Overtone Order
Fundamental
3rd overtone
Fundamental
3rd overtone
Frequency Tolerance (25 ±3 °C)
±20 × 10−6
±20 × 10−6
Frequency versus Temperature Characteristics
(with reference to +25 °C)
±30 × 10−6
±30 × 10−6
Operating Temperature Range
−10 to +70 °C
−10 to +70 °C
Storage Temperature Range
−40 to +85 °C
−40 to +85 °C
Equivalent Series Resistance
Refer to *1
Refer to *1
Level of Drive
Refer to *2 (Max. 1000 μW)
Refer to *2 (Max. 1000 μW)
Load Capacitance
16 pF
Series resonance
16 pF
Series resonance
Specifications Number
STD-LPH-9
STD-LPH-10
STD-LPH-11
LN-L-0002
STD-LPH-3
STD-LPH-5
*1 Equivalent Series Resistance
Overtone Order
Nominal Frequency (MHz)
Equivalent Series Resistance max. [Ω]
Fundamental
3 to 3.2
400
3.2 to 3.5
200
3.5 to 4
150
4 to 4.5
120
4.5 to 5
100
5 to 6
80
6 to 8
70
8 to 10
60
10 to 12
50
12 to 37
40
3rd overtone
26 to 35
140
35 to 48
100
48 to 75
80
*2 Drive Level
Overtone
Order
Nominal
Frequency
(MHz)
Drive Level
(μW)
Fundamental
3 to 5
500
5 to 37
50
3rd overtone
26 to 60
500
60 to 75
10
■ Specifications
mm
AT-41
φ0.45±0.05
4.88±0.2
11.05max
4.70max
mm
AT-41CD2
10.21max
6.0
9.0
4.88±0.2
12.7±0.6
11.4±0.3
Land pattern (Typical)
■ Dimensions
A highly stable and reliable low-height crystal unit with a metallic
package, also suitable for surface mounting.
● Compatible with surface mounting.
● Airtight metal package ensures high-reliability.
● Taping package is for customer automatic loading operation.
● AT-41CD2 meets the requirements for re-flow profiling using lead-
free solder.
■ Features
Please specify the model name, frequency, and specification number when you order products.
For further questions regarding specifications, please feel free to contact us.


Similar Part No. - AT-41

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
AT-41 NDK-AT-41 Datasheet
84Kb / 1P
Crystal Units For OA / AV
AT-41-16.000M-LN-L-0005 NDK-AT-41-16.000M-LN-L-0005 Datasheet
84Kb / 1P
Crystal Units For OA / AV
logo
Hirose Electric
AT-410 HIROSE-AT-410 Datasheet
85Kb / 3P
Fixed Attenuators (N,BNC,TNC)
AT-410(40) HIROSE-AT-410(40) Datasheet
1Mb / 12P
50 ohms wide varieties standard connectors
logo
Agilent(Hewlett-Packard...
AT-41400 HP-AT-41400 Datasheet
57Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor Chip
More results

Similar Description - AT-41

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NX2016HA NDK-NX2016HA Datasheet
666Kb / 1P
For OA / AV
NX3225GA NDK-NX3225GA_15 Datasheet
272Kb / 1P
For OA / AV
NX5032GA NDK-NX5032GA_15 Datasheet
672Kb / 1P
For OA / AV
NX5032GB NDK-NX5032GB_15 Datasheet
296Kb / 1P
For OA / AV
NX5032GC NDK-NX5032GC_15 Datasheet
294Kb / 1P
For OA / AV
NX8045GB NDK-NX8045GB_15 Datasheet
672Kb / 1P
For OA / AV
NX5032GA_16 NDK-NX5032GA_16_11 Datasheet
698Kb / 1P
For OA / AV
NX3225GA NDK-NX3225GA_16 Datasheet
672Kb / 1P
For OA / AV
NX5032GB NDK-NX5032GB_16 Datasheet
697Kb / 1P
For OA / AV
NX8045GB_16 NDK-NX8045GB_16_11 Datasheet
695Kb / 1P
For OA / AV
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com