Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC7801EUFD Datasheet(PDF) 4 Page - Linear Technology

Part # LTC7801EUFD
Description  High Input Voltage Synchronous Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7801EUFD Datasheet(HTML) 4 Page - Linear Technology

  LTC7801EUFD Datasheet HTML 1Page - Linear Technology LTC7801EUFD Datasheet HTML 2Page - Linear Technology LTC7801EUFD Datasheet HTML 3Page - Linear Technology LTC7801EUFD Datasheet HTML 4Page - Linear Technology LTC7801EUFD Datasheet HTML 5Page - Linear Technology LTC7801EUFD Datasheet HTML 6Page - Linear Technology LTC7801EUFD Datasheet HTML 7Page - Linear Technology LTC7801EUFD Datasheet HTML 8Page - Linear Technology LTC7801EUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
dc2641af
DEMO MANUAL DC2641A
FREQUENCY SYNCHRONIZATION AND MODE SELECTION
Table 1. Mode Selection and Synchronized Operation Options
CONFIGURATION
JP4
MODE WITH SYNC. SIGNAL APPLIED TO PLLIN
Forced Continuous Operation
FCM
FCM
Pulse-Skipping Operation
P.S.
P.S.
Burst Mode Operation with Adjustable Clamp Level
Burst ADJ.
FCM
Burst Mode Operation with Default Clamp
Burst Default
FCM
Table 2. Optional Inductor DCR Current Sensing
CONFIGURATION
RS1
R24
R28
C16
R37
R38
R39
R40
Current Sense Resistor (Default)
Ref. Sch.
Ref. Sch.
Ref. Sch.
OPEN
OPEN
OPEN
OPEN
OPEN
Inductor DCR Current Sensing
0Ω Copper
OPEN
OPEN
Calculated Value from Data Sheet
0Ω
0Ω
Demonstration circuit 2641A’s Mode selector allows the
converter to run in forced continuous operation, pulse-
skipping operation, Burst Mode or Burst mode with
adjustable clamp level by changing the position of JP4.
To synchronize the DC2641A to an external clock, apply
the sync signal to the PLLIN turret. Depending upon the
JP4 setting, the DC2641A will operate in different modes.
See Table 1 for the detailed description.
100% DUTY
Demonstration circuit 2641A features 100% duty cycle
operation in dropout. Set the JP5 to “ON” position to acti-
vate this feature. Set JP5 to “OFF” position disables the
internal charge pump and enables boost refresh, allowing
for 99% duty cycle operation in dropout.
OPTIONAL INDUCTOR DCR CURRENT SENSING
Demonstration circuit 2641A provides an optional circuit
for Inductor DCR Current Sensing. Inductor DCR Cur-
rent Sensing uses the DCR of the inductor to sense the
inductor current instead of discrete sense resistors. The
advantages of DCR sensing are lower cost, reduced board
space and higher efficiency, but the disadvantage is a less
accurate current limit. If DCR sensing is used, be sure to
select an inductor current with a sufficiently high satura-
tion current or use an iron powder type material.
Refer to Table 2 for Optional Inductor DCR Current Sens-
ing setup and to the data sheet for more details.
Low Quiescent Current Applications and Measurement
The typical quiescent current (IQ) of the LTC7801 control-
ler is 40µA in sleep mode as specified in the LTC7801
data sheet. However, the input current of the DC2641A
board can be higher than this value because of additional
circuit outside of the IC. To reduce the total input current,
large value FB divider resistors should be used. In addi-
tion, some jumpers and resistors should be configured
accordingly. Refer to Table 3 for the low input quiescent
current setup.
Table 3. Low Input Quiescent Current Configuration
REFERENCE DESIGNATOR
R1
R2
R23
JP3
JP4
JP5
JP8
Function
OVLO
PGOOD
INTVCC Jumper
MODE Selector
100% DUTY
BIAS supply
Stuffing Option
OPEN
0Ω
OPEN
OPEN
BURST ADJ. or
BURST DEFAULT
OFF
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com