Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1504ASL Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATF1504ASL
Description  High performance Complex Programmable Logic Device
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504ASL Datasheet(HTML) 4 Page - ATMEL Corporation

  ATF1504ASL Datasheet HTML 1Page - ATMEL Corporation ATF1504ASL Datasheet HTML 2Page - ATMEL Corporation ATF1504ASL Datasheet HTML 3Page - ATMEL Corporation ATF1504ASL Datasheet HTML 4Page - ATMEL Corporation ATF1504ASL Datasheet HTML 5Page - ATMEL Corporation ATF1504ASL Datasheet HTML 6Page - ATMEL Corporation ATF1504ASL Datasheet HTML 7Page - ATMEL Corporation ATF1504ASL Datasheet HTML 8Page - ATMEL Corporation ATF1504ASL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
ATF1504AS(L)
0950N–PLD–07/02
Description
The ATF1504AS is a high-performance, high-density complex programmable logic
device (CPLD) that utilizes Atmel’s proven electrically-erasable memory technology.
With 64 logic macrocells and up to 68 inputs, it easily integrates logic from several TTL,
SSI, MSI, LSI and classic PLDs. The ATF1504AS’s enhanced routing switch matrices
increase usable gate count and the odds of successful pin-locked design modifications.
The ATF1504AS has up to 68 bi-directional I/O pins and four dedicated input pins,
depending on the type of device package selected. Each dedicated pin can also serve
as a global control signal, register clock, register reset or output enable. Each of these
control signals can be selected for use individually within each macrocell.
Each of the 64 macrocells generates a buried feedback that goes to the global bus.
Each input and I/O pin also feeds into the global bus. The switch matrix in each logic
block then selects 40 individual signals from the global bus. Each macrocell also gener-
ates a foldback logic term that goes to a regional bus. Cascade logic between
macrocells in the ATF1504AS allows fast, efficient generation of complex logic func-
tions. The ATF1504AS contains four such logic chains, each capable of creating sum
term logic with a fan-in of up to 40 product terms.
The ATF1504AS macrocell, shown in Figure 1, is flexible enough to support highly-com-
plex logic functions operating at high speed. The macrocell consists of five sections:
product terms and product term select multiplexer, OR/XOR/CASCADE logic, a flip-flop,
output select and enable, and logic array inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com