Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCU86 Datasheet(PDF) 2 Page - Seme LAB

Part # BCU86
Description  NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BCU86 Datasheet(HTML) 2 Page - Seme LAB

  BCU86 Datasheet HTML 1Page - Seme LAB BCU86 Datasheet HTML 2Page - Seme LAB BCU86 Datasheet HTML 3Page - Seme LAB BCU86 Datasheet HTML 4Page - Seme LAB BCU86 Datasheet HTML 5Page - Seme LAB BCU86 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Prelim.9/98
BCU86-SMD
BCU87-SMD
Magnatec.
Telephone +44(0)1455 554711.
Fax +44(0)1455 558843.
E-mail: magnatec@semelab.co.uk Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit.
V(BR)CEO Collector – Emitter Base
Breakdown Voltage
V(BR)CBO Collector – Base
Breakdown Voltage
V(BR)EBO Emitter Base Breakdown Voltage
ICBO
Collector Cut–Off Current
IEBO
Emitter Cut–Off Current
hFE1*
DC Current Gain
hFE2*
DC Current Gain
fT
Transition frequency
Cob
Output Capacitance
ton
Turn – On Time
tstg
Storage Time
tf
Fall Time
IC = 1mA
BCU86
RBE = 0
IC = 10mA
BCU86
IE = 0
IC = 0
BCU86
IE = 10mA
VCB = 40V
BCU86
IE = 0
VBE = 4V
BCU86
IC = 0
VCE = 2V
BCU86
IC = 100mA
VCE = 2V
BCU86
IC = 3A
VCE = 10V
BCU86
IC = 50mA
VCB = 10V
BCU86
f = 1MHz
See specified test circuit
BCU86
See specified test circuit
BCU86
See specified test circuit
BCU86
50
60
6
1
1
100*
560*
35
150
25
70
650
35
V
V
V
mA
mA
—
—
MHz
pF
ns
DYNAMICS CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
* The BCU86 / BCU87 are classified by 100mA hFE as follows:
100 R 200
140 S 280
200 T 400
280 U 560
* Pulse test tp = 300ms , d £ 2%
Reverse Polarity for PNP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com