Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDEP15D90T150 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDEP15D90T150
Description  Low-Profile High Current Power Inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP15D90T150 Datasheet(HTML) 2 Page - Sumida Corporation

  CDEP15D90T150 Datasheet HTML 1Page - Sumida Corporation CDEP15D90T150 Datasheet HTML 2Page - Sumida Corporation CDEP15D90T150 Datasheet HTML 3Page - Sumida Corporation CDEP15D90T150 Datasheet HTML 4Page - Sumida Corporation CDEP15D90T150 Datasheet HTML 5Page - Sumida Corporation CDEP15D90T150 Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Low-Profile High Current Power Inductor
CDEP15D90/T150
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 2 of 6
Ver.1.7 (August 1, 2017)
www.sumida.com
Electrical Characteristics: Standard Types
Part No.
Inductance
(μH) (±20%)
※1
D.C.R (mΩ)
(±20%)
Saturation Current (A)
※2
Temperature Rise current
(A) ※3
at 20
℃
at 150
℃
CDEP15D90T150NP-0R5MC-125
0.50
1.20
63.0
43.0
33.5
CDEP15D90T150NP-1R2MC-125
1.20
1.75
41.9
28.5
24.5
CDEP15D90T150NP-2R0MC-125
2.00
2.40
31.0
22.0
23.0
CDEP15D90T150NP-3R3MC-125
3.30
2.90
25.0
17.0
18.5
CDEP15D90T150NP-4R7MC-125
4.70
3.50
21.3
14.8
16.5
CDEP15D90T150NP-6R2MC-125
6.20
4.90
18.5
13.0
14.8
CDEP15D90T150NP-100MC-125
10.0
7.90
15.0
10.5
12.5
CDEP15D90T150NP-120MC-125
12.5
8.90
12.8
9.50
12.2
CDEP15D90T150NP-150MC-125
15.0
10.6
12.0
8.20
8.50
CDEP15D90T150NP-220MC-125
22.0
14.5
9.70
6.60
7.50
Electrical Characteristics: High Power Types
Part No.
Inductance
(μH) (±20%)
※1
D.C.R (mΩ)
(±20%)
Saturation Current (A)
※2
Temperature Rise current
(A) ※3
at 20
℃
at 150
℃
CDEP15D90T150NP-1R0MC-100
1.00
1.75
51.6
35.8
24.5
CDEP15D90T150NP-1R6MC-100
1.60
2.40
42.0
28.0
23.0
CDEP15D90T150NP-2R4MC-100
2.40
2.90
34.5
24.5
18.5
CDEP15D90T150NP-3R6MC-100
3.60
3.50
26.5
18.5
16.5
CDEP15D90T150NP-4R7MC-100
4.70
4.90
24.0
16.7
14.8
CDEP15D90T150NP-6R8MC-100
6.80
5.50
20.3
13.8
13.5
CDEP15D90T150NP-100MC-100
10.0
8.90
16.2
11.3
12.2
CDEP15D90T150NP-120MC-100
12.5
10.6
15.0
10.2
8.50
CDEP15D90T150NP-150MC-100
15.0
13.4
13.4
9.70
8.00
CDEP15D90T150NP-220MC-100
22.0
20.1
11.0
7.50
6.50
※ 1 Measuring frequency at 100kHz 0.1V
※ 2 Saturation current: This indicates the actual value of D.C. current when the inductance becomes 30% lower than its
nominal value.
※ 3 Temperature rise current: The actual value of D.C. current when the temperature of coil becomes △T=40°C
(Ta=20°C).
Please note that when using the product while applying current with audio-frequency (AF) signals may results in audible
noises due to magnetostriction. Also, in order to avoid an audible noise problem, operating with non-AF signals would be
recommended. The noise amplify depending on the coil mount area on the PCB.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com