Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDPQ2010 Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDPQ2010
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDPQ2010 Datasheet(HTML) 3 Page - Sumida Corporation

  CDPQ2010 Datasheet HTML 1Page - Sumida Corporation CDPQ2010 Datasheet HTML 2Page - Sumida Corporation CDPQ2010 Datasheet HTML 3Page - Sumida Corporation CDPQ2010 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Power Inductor
CDPQ2010
Page 3 of 4
Revised: 10-Jan-17
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
5
10
15
20
25
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
5
10
15
20
25
30
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0
3
6
9
12
15
18
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0
3
6
9
12
15
18
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
4
8
12
16
20
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
5
10
15
20
25
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
5
10
15
20
25
30
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
4
8
12
16
20
24
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
5
10
15
20
25
30
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
5
10
15
20
25
30
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
6
12
18
24
30
36
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. CDPQ2010NP-2R7M-160
△T (℃)
L (μH)
2. CDPQ2010NP-3R9M-160
△T (℃)
L (μH)
3. CDPQ2010NP-5R6M-160
L (μH)
DC (A)
5. CDPQ2010NP-100M-160
△T (℃)
L (μH)
6. CDPQ2010NP-3R9M-250
DC (A)
7. CDPQ2010NP-6R2M-250
△T (℃)
L (μH)
8. CDPQ2010NP-8R8M-250
△T (℃)
L (μH)
DC (A)
9. CDPQ2010NP-120M-250
DC (A)
4. CDPQ2010NP-7R5M-160
△T (℃)
DC (A)
DC (A)
10. CDPQ2010NP-150M-250
△T (℃)
L (μH)
DC (A)
11. CDPQ2010NP-4R7M-300
△T (℃)
L (μH)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (μH)
△T (℃)
L (μH)
△T (℃)
L (μH)
L (20℃)
△T
L (125℃)
12. CDPQ2010NP-7R5M-300
△T (℃)
L (μH)
DC (A)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com