Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP12690 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP12690
Description  ~30째 medium beam optimized for Osram Oslon SSL80. Assembly with holder.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP12690 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP12690 Datasheet HTML 1Page - Ledil, Inc. CP12690 Datasheet HTML 2Page - Ledil, Inc. CP12690 Datasheet HTML 3Page - Ledil, Inc. CP12690 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CP12690_TINA2-M
TINA2-M
~30° medium beam optimized for Osram Oslon
SSL80. Assembly with holder.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16.1 mm
Height
9.5 mm
Fastening
glue
Colour
black
Box size
451 x 241 x 298 mm
Box weight
4.4 kg
Quantity in Box
2400 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TINA2-XP-M
Lens
PMMA
clear
TINA2-OSL-HLD
Holder
PC
black
Last update: 04/06/2012
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CP12690

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP12631 LEDIL-CP12631 Datasheet
1Mb / 5P
~8째 spot beam
logo
Cree, Inc
CP12632 CREE-CP12632 Datasheet
818Kb / 13P
Laura series
CP12633 CREE-CP12633 Datasheet
845Kb / 13P
Laura series
CP12634 CREE-CP12634 Datasheet
847Kb / 13P
Laura series
logo
Ledil, Inc.
CP12634 LEDIL-CP12634 Datasheet
2Mb / 6P
~11째 smooth spot beam
More results

Similar Description - CP12690

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10643 LEDIL-FA10643_18 Datasheet
3Mb / 4P
~30째 medium beam optimized for Osram Golden Dragon
CA11848 LEDIL-CA11848_18 Datasheet
2Mb / 4P
~30째 medium beam optimized for Osram Golden Dragon
CA10569 LEDIL-CA10569_18 Datasheet
2Mb / 4P
~30째 medium beam optimized for Osram Golden Dragon . Assembly with white holder.
CP12687 LEDIL-CP12687 Datasheet
2Mb / 4P
~14째 spot beam optimized for Osram Oslon SSL80. Assembly with holder.
CP12688 LEDIL-CP12688 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Osram Oslon SSL80. Assembly with holder.
CP12689 LEDIL-CP12689 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized for Osram Oslon SSL80. Assembly with holder.
FA10301 LEDIL-FA10301_18 Datasheet
3Mb / 4P
~30째 medium beam optimized for Osram Golden Dragon . Assembly with white holder.
FA10313 LEDIL-FA10313 Datasheet
6Mb / 4P
~30째 medium beam optimized for Seoul P4. Assembly with black holder.
FA11235 LEDIL-FA11235 Datasheet
6Mb / 4P
~30째 medium beam optimized for Nichia NS9x153. Assembly with black holder.
FCA10937 LEDIL-FCA10937 Datasheet
1Mb / 3P
~30째 medium beam optimized for Nichia NJSx036. Assembly with white holder.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com