Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA10309 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA10309
Description  ~30째 medium beam optimized for LUXEON K2. Assembly with transparent holder.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA10309 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA10309 Datasheet HTML 1Page - Ledil, Inc. FA10309 Datasheet HTML 2Page - Ledil, Inc. FA10309 Datasheet HTML 3Page - Ledil, Inc. FA10309 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FA10309_K2S-M
K2S-M
~30° medium beam optimized for LUXEON K2.
Assembly with transparent holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 + 21.6 mm
Height
15.6 mm
Fastening
tape
Colour
clear
Box size
Box weight
0 kg
Quantity in Box
2016 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-B-B-M
Lens
PC
clear
ROSE-HLD-C
Holder
PC
clear
ROSE-TAPE
Tape
PU tape
Last update: 17/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FA10309

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10300 LEDIL-FA10300 Datasheet
222Kb / 4P
Rose Assembly
FA10300 LEDIL-FA10300 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Osram Golden Dragon . Assembly with white holder.
FA10300 LEDIL-FA10300_18 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Osram Golden Dragon . Assembly with white holder.
logo
List of Unclassifed Man...
FA10300_OSS-D ETC2-FA10300_OSS-D Datasheet
1Mb / 4P
OSS SQUARE lenses for Osram Dragon LEDs
logo
Ledil, Inc.
FA10301 LEDIL-FA10301 Datasheet
243Kb / 4P
Rose Assembly
More results

Similar Description - FA10309

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10307 LEDIL-FA10307 Datasheet
2Mb / 4P
~11째 spot beam optimized for LUXEON K2. Assembly with transparent holder.
FA10308 LEDIL-FA10308 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for LUXEON K2. Assembly with transparent holder.
FA10310 LEDIL-FA10310 Datasheet
4Mb / 4P
~43째 x 15째 oval beam optimized for LUXEON K2. Assembly with transparent holder.
FA10313 LEDIL-FA10313 Datasheet
6Mb / 4P
~30째 medium beam optimized for Seoul P4. Assembly with black holder.
FA10323 LEDIL-FA10323 Datasheet
1Mb / 4P
~50째 wide beam optimized for LUXEON K2. Assembly with transparent holder.
FA10329 LEDIL-FA10329 Datasheet
3Mb / 4P
~15째 smooth spot beam optimized for LUXEON K2. Assembly with transparent holder.
FA11210 LEDIL-FA11210_18 Datasheet
3Mb / 5P
~30° medium beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
17/05/2018
FA11235 LEDIL-FA11235 Datasheet
6Mb / 4P
~30째 medium beam optimized for Nichia NS9x153. Assembly with black holder.
FCX10851 LEDIL-FCX10851 Datasheet
2Mb / 4P
~30째 medium beam optimized for LUXEON Rebel. Assembly with white holder.
CX11354 LEDIL-CX11354 Datasheet
4Mb / 4P
~30째 medium beam optimized for LUXEON Rebel
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com