Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA10310 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA10310
Description  ~43째 x 15째 oval beam optimized for LUXEON K2. Assembly with transparent holder.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA10310 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA10310 Datasheet HTML 1Page - Ledil, Inc. FA10310 Datasheet HTML 2Page - Ledil, Inc. FA10310 Datasheet HTML 3Page - Ledil, Inc. FA10310 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FA10310_K2S-O
K2S-O
~43° x 15° oval beam optimized for LUXEON K2.
Assembly with transparent holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 + 21.6 mm
Height
15.6 mm
Fastening
tape
Colour
clear
Box size
Box weight
0 kg
Quantity in Box
2016 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-B-B-O
Lens
PC
clear
ROSE-HLD-C
Holder
PC
clear
ROSE-TAPE
Tape
PU tape
Last update: 17/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FA10310

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10311 LEDIL-FA10311 Datasheet
5Mb / 4P
~11째 spot beam optimized for Seoul P4. Assembly with black holder.
FA10312 LEDIL-FA10312 Datasheet
4Mb / 4P
~16째 diffused spot beam optimized for Seoul P4. Assembly with black holder.
FA10313 LEDIL-FA10313 Datasheet
6Mb / 4P
~30째 medium beam optimized for Seoul P4. Assembly with black holder.
FA10314 LEDIL-FA10314 Datasheet
5Mb / 4P
~45째 x 15째 oval beam optimized for Seoul P4. Assembly with black holder and installation tape.
More results

Similar Description - FA10310

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10596 LEDIL-CA10596 Datasheet
1Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NJSx036. Assembly with white holder.
FA10307 LEDIL-FA10307 Datasheet
2Mb / 4P
~11째 spot beam optimized for LUXEON K2. Assembly with transparent holder.
FA10308 LEDIL-FA10308 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for LUXEON K2. Assembly with transparent holder.
FA10309 LEDIL-FA10309 Datasheet
3Mb / 4P
~30째 medium beam optimized for LUXEON K2. Assembly with transparent holder.
FA10323 LEDIL-FA10323 Datasheet
1Mb / 4P
~50째 wide beam optimized for LUXEON K2. Assembly with transparent holder.
FA10329 LEDIL-FA10329 Datasheet
3Mb / 4P
~15째 smooth spot beam optimized for LUXEON K2. Assembly with transparent holder.
FA11203 LEDIL-FA11203_18 Datasheet
3Mb / 6P
~35째 x 15째 oval beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
FA11236 LEDIL-FA11236 Datasheet
5Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NS9x153. Assembly with black holder.
FCX10854 LEDIL-FCX10854 Datasheet
2Mb / 4P
~45째 x 15째 oval beam for LUXEON Rebel. Assembly with white holder.
FCA10938 LEDIL-FCA10938 Datasheet
1Mb / 3P
~45째 x 15째 oval beam optimized for Nichia NJSx036. Assembly with white holder.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com