Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THCV217 Datasheet(PDF) 13 Page - THine Electronics, Inc.

Part # THCV217
Description  by-One HS High-speed Video Data Transmitter and Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV217 Datasheet(HTML) 13 Page - THine Electronics, Inc.

Back Button THCV217 Datasheet HTML 9Page - THine Electronics, Inc. THCV217 Datasheet HTML 10Page - THine Electronics, Inc. THCV217 Datasheet HTML 11Page - THine Electronics, Inc. THCV217 Datasheet HTML 12Page - THine Electronics, Inc. THCV217 Datasheet HTML 13Page - THine Electronics, Inc. THCV217 Datasheet HTML 14Page - THine Electronics, Inc. THCV217 Datasheet HTML 15Page - THine Electronics, Inc. THCV217 Datasheet HTML 16Page - THine Electronics, Inc. THCV217 Datasheet HTML 17Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
THCV217-THCV218_Rev.2.20_E
Copyright(C)2017 THine Electronics,Inc.
13
THine Electronics, Inc.
Security E
Lock Detect and Hot-Plug Function
LOCKN and HTPDN of Rx must be connected with those of Tx as in Figure 5.
LOCKN and HTPDN on THCV218 are both open drain outputs. Pull-up resistors are needed at Tx side.
If THCV218 is not active (in the power down mode, powered off, or not connected), THCV218’s HTPDN
turns high-Z, and the pull-up resister at the Tx side makes the HTPDN input of THCV217 high. THCV217 then
enters into the power down mode.
When THCV218 is active, HTPDN is pulled down by THCV218. Then THCV217 starts up and transmits the
“training pattern” for link training.
LOCKN indicates whether THCV218 is in the lock state or not. If THCV218 is not the lock state, LOCKN
turns high-Z. Otherwise (in the lock state), it’s pulled down by THCV218.
THCV217 keeps transmitting the “training pattern” until LOCKN turns low. And then THCV217 starts
transmitting serialized input data.
Figure 5. Hot-plug and Lock detect scheme
HTPDN connection between THCV217 and THCV218 can be omitted as an application option. In this case,
HTPDN at the Transmitter side should always be taken as Low. See Figure 6.
Figure 6. HTPDN is not connected scheme
Power supply for HTPDN
(Tx side)
Power supply for LOCKN
(Tx side)
HTPDN
LOCKN
THCV217
THCV218
10kΩ
10kΩ
Power supply for LOCKN
(Tx side)
HTPDN
LOCKN
THCV217
THCV218
HTPDN
10kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com