Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC034MA Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC034MA
Description  SMPTE 292M / 259M Adaptive Cable Equalizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC034MA Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC034MA Datasheet HTML 1Page - National Semiconductor (TI) CLC034MA Datasheet HTML 2Page - National Semiconductor (TI) CLC034MA Datasheet HTML 3Page - National Semiconductor (TI) CLC034MA Datasheet HTML 4Page - National Semiconductor (TI) CLC034MA Datasheet HTML 5Page - National Semiconductor (TI) CLC034MA Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Note 3).
Symbol Parameter
Conditions
Reference
Min
Typ
Max
Units
BR
SDI
Input Data Rate
SDI, SDI
143
1485
Mbps
Maximum Equalized Cable
Length (with equalizer
pathological)
270Mbps, Belden 1694A,
0.2UI output jitter
350
m
270Mbps, Belden 8281,
0.2UI output jitter
280
m
1.485Gbps, Belden 1694A,
0.25UI output jitter
140
m
1.485Gbps, Belden 8281,
0.25UI output jitter
100
m
t
r,tf
Output Rise Time, Fall Time
20% – 80%
SDO, SDO
80
220
ps
Mismatch in Rise/Fall Time
30
ps
t
OS
Output Overshoot
Note 4
10
%
R
OUT
Output Resistance
single-ended
50
RL
IN
Input Return Loss
SDI, SDI
15
18-20
dB
R
IN
Input Resistance
single-ended
TBD
k
C
IN
Input Capacitance
single-ended
1
pF
Note 1: "Absolute Maximum Ratings" are those parameter values beyond which the life and operation of the device cannot be guaranteed. The stating herein of
these maximums shall not be construed to imply that the device can or should be operated at or beyond these values. The table of "Electrical Characteristics"
specifies acceptable device operating conditions.
Note 2: Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are stated referenced to VEE = 0 Volts.
Note 3: Typical values are stated for VCC = +3.3V and TA = +25˚C.
Note 4: Specification is guaranteed by design.
Note 5: These specifications assume and 800 mVP-P signal at the cable input. Levels above and below 800 mV are allowable, but performance may vary. The cable
will attenuate the signal prior to entering the equalizer.
Note 6: The maximum input voltage swing of 950 mVP-P assumes a nonstressing, DC-balance signal; specifically, the SMPTE-recommended color bar test signal.
Pathological or other stressing signals may not be used. This specification is for 0m cable only.
www.national.com
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com