Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLP-1.9 Datasheet(PDF) 1 Page - Mini-Circuits

Part # SLP-1.9
Description  Low Pass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SLP-1.9 Datasheet(HTML) 1 Page - Mini-Circuits

  SLP-1.9 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Outline Drawing
Maximum Ratings
Outline Dimensions (
)
inch
mm
Typical Performance Data
Frequency
(MHz)
Insertion Loss
(dB)
Low Pass Filter Electrical Specifications
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5W max.
Applications
• lab use
• test equipment
• video equipment
Features
• good attenuation rate, 1.35 typ. 20dB/ 3dB BW ratio
• rugged shielded case
• other SLP models available with wide selection of
cut-off frequencies
Return Loss
(dB)
Frequency
(MHz)
Group Delay
(nsec)
_
x
σ
Low Pass Filter
SLP-1.9+
REV. C
M151107
SLP-1.9+
151001
Coaxial
50
Ω
DC to 1.9 MHz
PASSBAND
(MHz)
fco (MHz)
Nom.
STOPBAND
(MHz)
VSWR
(:1)
(loss < 1 dB)
(loss 3 dB)
(loss > 20 dB)
(loss > 40 dB)
Passband
Typ.
Stopband
Typ.
DC-1.9
2.5
3.4-4.7
4.7-200
1.7
18
electrical schematic
R F IN
R F OUT
INSERTION LOSS
0
20
40
60
80
100
0.1
1
10
100
1000
FREQUENCY(MHz)
at RF level of 0 dBm
RETURN LOSS
0
10
20
30
40
50
0.1
1
10
100
1000
FREQUENCY(MHz)
at RF level of 0 dBm
GROUP DELAY
0
200
400
600
800
1000
1.0
1.7
2.4
3.1
3.8
FREQUENCY (MHz)
at RF level of 0 dBm
typical frequency response
0.10
0.09
0.01
40.00
1.00
390.94
1.20
0.24
0.02
22.11
1.00
393.92
1.40
0.26
0.01
23.88
1.10
397.21
1.60
0.31
0.01
26.19
1.10
400.27
1.80
0.40
0.02
21.19
1.20
406.34
1.90
0.45
0.02
21.37
1.30
410.76
2.10
0.75
0.12
15.39
1.30
417.77
2.30
2.93
0.75
5.05
1.40
425.39
2.50
8.32
1.21
1.43
1.40
434.33
2.70
14.69
1.17
0.59
1.50
444.37
2.80
17.71
1.12
0.45
1.60
455.27
3.00
23.30
1.01
0.32
1.60
468.79
3.10
25.89
0.96
0.29
1.70
484.50
3.30
30.68
0.90
0.24
1.80
506.65
3.40
32.92
0.87
0.22
1.90
554.15
3.60
37.12
0.84
0.20
1.90
579.78
3.80
41.00
0.81
0.18
2.00
642.41
4.00
44.61
0.79
0.17
2.10
720.76
4.30
49.67
0.81
0.15
2.20
779.41
4.50
52.78
0.80
0.14
2.30
768.87
4.70
55.74
0.88
0.13
2.40
675.19
5.00
60.00
0.86
0.11
2.50
579.64
29.40
92.50
4.17
0.17
2.70
390.84
53.80
91.19
3.63
0.42
2.80
286.22
78.10
92.39
2.10
0.45
3.00
230.56
102.50
87.80
2.75
0.46
3.10
182.81
126.90
89.05
3.87
0.47
3.30
153.96
151.30
87.17
2.60
0.46
3.40
132.22
175.60
92.87
7.14
0.44
3.60
109.19
200.00
86.82
4.04
0.44
3.80
92.80
1 dB compression at +13 dBm input power
40 dB
20 dB
3 dB
1 dB
F R E QUE NC Y / F co
DC
0.9
1
1.35
1.75
3
B
D
E
wt
.67
1.98
.312 grams
17.02 50.29
7.92
42.0
Permanent damage may occur if any of these limits are exceeded.
CASE STYLE: FF99
Connectors
Model
SMA
SLP-1.9+
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - SLP-1.9

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
SLP-1 RICHCO-SLP-1 Datasheet
19Kb / 1P
SNAP LOCK PIN
logo
List of Unclassifed Man...
SLP-1-177-01 ETC2-SLP-1-177-01 Datasheet
184Kb / 1P
Material Rivet Nylon 6/6, Mandrel Polycarbonate
logo
Richco, Inc.
SLP-1-177-01 RICHCO-SLP-1-177-01 Datasheet
19Kb / 1P
SNAP LOCK PIN
logo
List of Unclassifed Man...
SLP-1-221-01 ETC2-SLP-1-221-01 Datasheet
184Kb / 1P
Material Rivet Nylon 6/6, Mandrel Polycarbonate
logo
Richco, Inc.
SLP-1-221-01 RICHCO-SLP-1-221-01 Datasheet
19Kb / 1P
SNAP LOCK PIN
More results

Similar Description - SLP-1.9

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
logo
Mini-Circuits
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4-75 MINI-BLP-21.4-75 Datasheet
195Kb / 1P
Low Pass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com