Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP680C Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP680C
Description  Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP680C Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button COP680C Datasheet HTML 8Page - National Semiconductor (TI) COP680C Datasheet HTML 9Page - National Semiconductor (TI) COP680C Datasheet HTML 10Page - National Semiconductor (TI) COP680C Datasheet HTML 11Page - National Semiconductor (TI) COP680C Datasheet HTML 12Page - National Semiconductor (TI) COP680C Datasheet HTML 13Page - National Semiconductor (TI) COP680C Datasheet HTML 14Page - National Semiconductor (TI) COP680C Datasheet HTML 15Page - National Semiconductor (TI) COP680C Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Functional Description (Continued)
TLDD10802 – 6
RC t 5X Power Supply Rise Time
FIGURE 4 Recommended Reset Circuit
OSCILLATOR CIRCUITS
Figure 5 shows the three clock oscillator configurations
A CRYSTAL OSCILLATOR
The device can be driven by a crystal clock The crystal
network is connected between the pins CKI and CKO
Table I shows the component values required for various
standard crystal values
B EXTERNAL OSCILLATOR
CKI can be driven by an external clock signal CKO is avail-
able as a general purpose input andor HALT restart con-
trol
C RC OSCILLATOR
CKI is configured as a single pin RC controlled Schmitt trig-
ger oscillator CKO is available as a general purpose input
andor HALT restart control
Table II shows the variation in the oscillator frequencies as
functions of the component (R and C) values
TLDD10802 – 7
FIGURE 5 Crystal and R-C Connection Diagrams
OSCILLATOR MASK OPTIONS
The device can be driven by clock inputs between DC and
10 MHz
TABLE I Crystal Oscillator Configuration TA e 25 C
R1
R2
C1
C2
CKI Freq
Conditions
(kX)(MX)
(pF)
(pF)
(MHz)
0
1
30
30 – 36
10
VCC e 5V
0
1
30
30 – 36
4
VCC e 25V
56
1
200
100 – 150
0455
VCC e 5V
TABLE II RC Oscillator Configuration TA e 25 C
R
C
CKI Freq
Instr Cycle
Conditions
(kX)
(pF)
(MHz)
(ms)
33
82
22 to 27
37 to 46
VCC e 5V
56
100
11 to 13
74 to 90
VCC e 5V
68
100
09 to 11
88 to 108
VCC e 5V
Note
(RC Oscillator Configuration) 3k s R s 200k 50 pF s C s 200 pF
http
www nationalcom
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com