Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3394ES Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3394ES
Description  4 strings 120mA White LED Driver Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3394ES Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3394ES Datasheet HTML 1Page - Monolithic Power Systems MP3394ES Datasheet HTML 2Page - Monolithic Power Systems MP3394ES Datasheet HTML 3Page - Monolithic Power Systems MP3394ES Datasheet HTML 4Page - Monolithic Power Systems MP3394ES Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV3394ES-00A
4 strings 120mA White LED Driver
Evaluation Board
EV3394ES-00A Rev.1.0
www.MonolithicPower.com
1
3/14/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV3394ES-00A is an evaluation board for
the MP3394ES, a step-up converter designed
for liquid-crystal displays that employ an array
of LEDs as the light source. It can drive up to 4
strings LEDs in parallel with 200mA/string
maximum current.
The MP3394 uses external power MOSFET
and internal current mode, fixed frequency
architecture and includes current ballast in each
string terminal, which achieves 2.5% current
regulation accuracy between strings. Low
feedback voltage at each LED string help
reduce power loss and improve efficiency.
The MP3394 has multiple features to protect
the converter from fault conditions, including
under-voltage lockout, current limiting, over
voltage, short LED, open LED and thermal
shut-down protection.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input
Voltage
VIN
8 – 28
V
LEDs #
4 LED string
12 LEDs/string
LED Current
ILED
120/string
mA
FEATURES
• 4 String, Max 200mA/String WLED Driver
• 8V to 28V Input Voltage Range
• 2.5% Current Matching Accuracy Between
Strings
• Programmable Switching Frequency
• PWM or DC Input Burst PWM Dimming
• Open and Short LED Protection
• Programmable Over-Voltage Protection
• Cascading Capability with a Single Power
Source
• Under Voltage Lockout
• Thermal Shutdown
APPLICATIONS
• Notebook PC
• LCD Monitor
• LCD TV
• Handy Terminals Display
• Automotive Systems and Tablet Computer
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP3394ES

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3394ES MPS-MP3394ES Datasheet
401Kb / 17P
Step-up, 4-String Max 200mA/String White LED Driver
More results

Similar Description - MP3394ES

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3394EF-00A MPS-EV3394EF-00A Datasheet
199Kb / 5P
4 strings 120mA White LED Driver Evaluation Board
EV3394S-S-00A MPS-EV3394S-S-00A Datasheet
289Kb / 6P
4 strings 120mA White LED Driver Evaluation Board
EV3398A-S-00A MPS-EV3398A-S-00A Datasheet
591Kb / 6P
4 strings 350mA White LED Driver Evaluation Board
EV3399EF-00A MPS-EV3399EF-00A Datasheet
261Kb / 5P
24 strings White LED Driver Evaluation Board
EV3399EY-00A MPS-EV3399EY-00A Datasheet
260Kb / 5P
24 strings White LED Driver Evaluation Board
EV3387L-RT-00A MPS-EV3387L-RT-00A Datasheet
595Kb / 6P
6 strings Boost White LED Driver Evaluation Board
EV3388DR-00A MPS-EV3388DR-00A Datasheet
157Kb / 4P
8 strings White LED Driver Evaluation Board
EV3388DR-01A MPS-EV3388DR-01A Datasheet
374Kb / 6P
8 strings White LED Driver Evaluation Board
EV3389EF-00A MPS-EV3389EF-00A Datasheet
194Kb / 5P
12 strings White LED Driver Evaluation Board
EV3389EY-00A MPS-EV3389EY-00A Datasheet
147Kb / 4P
12 strings White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com