Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3399EY Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3399EY
Description  24 strings White LED Driver Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3399EY Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3399EY Datasheet HTML 1Page - Monolithic Power Systems MP3399EY Datasheet HTML 2Page - Monolithic Power Systems MP3399EY Datasheet HTML 3Page - Monolithic Power Systems MP3399EY Datasheet HTML 4Page - Monolithic Power Systems MP3399EY Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EV3399EY-00A ― 24 STRINGS WHITE LED DRIVER
EV3399EY-00A Rev.1.0
www.MonolithicPower.com
3
9/23/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EV3399EY-00A BILL OF MATERIALS
Qty
RefDes
Value
Description
Package
Reference
Manufacturer P/N
1
C1
1µF
Ceramic Capacitor,
50V, X7R
1210
TAIYO
YUDEN
UMK325BJ105KH-T
3
C2,C10,C12
NC
1210
1
C3
220µF
Electrolytic
Capacitor, 35V
1
C4
220nF
Ceramic Capacitor,
50V, X7R
0603
Murata
GRM188R71H224KA93D
2
C5,C9
0.47µF
Ceramic Capacitor,
25V, X7R
0603
Murata
GRM1885C1E474JA01D
3
C6,C7,C8
NC
0603
GRM1885C1H101JA01D
2
C11,C14
100pF
Ceramic Capacitor,
50V, COG
0603
Murata
GRM1885C1H474JA01D
1
C15
22µF
Electrolytic
Capacitor, 100V
2
C13,C16
1µF
Ceramic Capacitor,
100V, X7R
1210
Murata
GRM32ER71H105KA88L
1
C17
5.6nF
Ceramic Capacitor,
50V, X7R
0603
Murata
GRM188R71H562KA01
1
C18
0.1µF
Ceramic Capacitor,
50V, X7R
0603
Murata
GRM188R71H105KA93D
1
D1
Diode
Schottky,
80V, 1A
SMA
Diodes Inc
B180
1
F1
0Ω
Fuse, 2A, 63V
1206
1
L1
33µH
Inductor,3.84A
SMD
Cooper
DR125-330-R
1
M1
P- channel MOSFET
SO8
AM4499P
1
M2
N-
channel
MOSFET
SO8
AM4490N
2
Q1,Q3
NC
NPN, Transistor
SOT323
2
Q2,Q4
NC
PNP, Transistor
SOT323
2
R1,R2,
2kΩ
Resistor, 1%
0603
Yageo
RC0603FR-072KL
2
R4,R5
20kΩ
Resistor, 1%
0603
Yageo
RC0603FR-0720KL
8
R3,R6,R10,
R17,R19,R21,
R23,R26
NC
0603
2
R8,R9
100kΩ
Resistor, 1%
0603
Yageo
RC0603FR-07100KL
28
R7,R11,R12,
R15,R27-50
0Ω
Resistor, 1%
0603
Yageo
2
R13,R14
340kΩ
Resistor, 1%
0603
Yageo
RC0603FR-07340KL
2
R16,R18
60.4kΩ Resistor, 1%
0603
Yageo
RC0603FR-0760K4L
1
R20
10Ω
Resistor, 1%
0603
Yageo
RC0603FR-0710L
1
R22
15Ω
Resistor, 1%
0603
Yageo
RC0603FR-0715L
1
R24
0.05Ω
Sensign resistor. 1%
1206
CYNTEC
RL1632H-R050-FN
1
R25
NC
1
R51
357kΩ
Resistor, 1%
0603
Yageo
RC0603FR-07357KL
1
R52
1kΩ
Resistor, 1%
0603
Yageo
RC0603FR-071KL
2
R53,R54
10kΩ
Resistor, 1%
0603
Yageo
RC0603FR-0710KL
2
U1,U2
LED Driver IC
SOIC28
MPS
MP3399EY R2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com