Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3427GL Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3427GL
Description  17A, 600kHz, 8V Wide Input Range Synchronous Boost Converter EV Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3427GL Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3427GL Datasheet HTML 1Page - Monolithic Power Systems MP3427GL Datasheet HTML 2Page - Monolithic Power Systems MP3427GL Datasheet HTML 3Page - Monolithic Power Systems MP3427GL Datasheet HTML 4Page - Monolithic Power Systems MP3427GL Datasheet HTML 5Page - Monolithic Power Systems MP3427GL Datasheet HTML 6Page - Monolithic Power Systems MP3427GL Datasheet HTML 7Page - Monolithic Power Systems MP3427GL Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EV3427-L-00A―17A, 600kHz, 8V WIDE INPUT SYNCHRONOUS BOOST CONVERTER EV BOARD
EV3427-L-00A Rev.1.0
www.MonolithicPower.com
2
12/30/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
EV3427-L-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
6
C1A, C1B,
C1C, C2A,
C2B, C2C
22μF
16V,
ceramic
Capacitor
1210
muRata
GRM32ER71C226KEA8L
1
C3
2.2μF
25V,
ceramic
Capacitor
0805
muRata
GRM21AR71E225KL
1
C4
33nF
50V
ceramic
capacitor
0603
muRata
GRM188R71H333KL
1
C5
6.8nF
50V
ceramic
capacitor
0603
muRata
GRM188R71H682KL
2
C6, C7
0.1μF
50V,
ceramic
Capacitor
0603
muRata
GRM188R71H104KL
1
R1
187k
Film resistor, 1%
0603
YAGEO
RC0603FR-07187KL
1
R2
34k
Film resistor, 1%
0603
YAGEO
RC0603FR-0734KL
3
R3, R13,
R14
10k
Film resistor, 1%
0603
YAGEO
RC0603FR-0710KL
4
R4a, R4b,
R4c, R4d
15m
low ohmic Film
resistor, 1%
0805
YAGEO
RL0805FR-070R015L
1
R5
100k
Film resistor, 5%
0603
YAGEO
RC0603JR-07100KL
0
R6, R8
NS
0603
3
R7, R9,
R10
0
Film resistor, 5%
0603
YAGEO
RC0603JR-070RL
1
R11
560k
Film resistor, 1%
0603
YAGEO
RC0603FR-07560KL
1
R12
1k
Film resistor, 1%
0603
YAGEO
RC0603FR-071KL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com