Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L115F2 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # L115F2
Description  Single coil latching power relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

L115F2 Datasheet(HTML) 2 Page - CIT Relay & Switch

  L115F2 Datasheet HTML 1Page - CIT Relay & Switch L115F2 Datasheet HTML 2Page - CIT Relay & Switch L115F2 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
L115F2
page 2
Ordering Information
1. Series
L115F2
1C
M
12VDC
S
.9
L115F2
2. Contact Arrangement
1A = SPST
1C = SPDT
3. Profile
Blank = Standard
L = Low Profile
4. Contact Rating
M = 30A
K = 40A
H = 50A
5. Coil Voltage
5VDC
12VDC
24VDC
48VDC
6. Sealing Options
S = Sealed, standard
7. Coil Power
.9 = .9W **for 30A and 40A contacts only
1.5 = 1.5W **for 50A contacts only
8. Contact Material
Blank = AgSnO2
U = AgSnO2In2O3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com