Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP5032SC Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NP5032SC
Description  Simple Packaged Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NP5032SC Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NP5032SC Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Oscillator
Item
Model
NP5032SC
Output Specification
HCSL
Nominal Frequency Range (MHz)
100 to 170
Overall Frequency Tolerance *1
Max. ±25 ×10-6
Max. ±50 ×10-6
Max. ±100 ×10-6
Operating Temperature Range (°C)
0 to +70
0 to +85
–40 to +85
Storage Temperature Range (°C)
–55 to +125
Supply Voltage [VCC] (V)
+2.5 ± 5 %
+3.3 ± 10 %
+2.5 ± 5 %
+3.3 ± 10 %
+2.5 ± 5 %
+3.3 ± 10 %
Current
Consumption
Enable (mA)
Max. 60 (STAND-BY=VCC or OPEN, RL=50Ω)
Stand-by (μA)
Max. 30 (STAND-BY=GND)
Output Voltage (V)
VOL : –0.15 to 0.15 (DC characteristics)
VOH : 0.66 to 0.85 (DC characteristics)
Rise Time / Fall Time (ns)
Max. 0.7 (0.175 to 0.525 V)
Symmetry (%)
45 to 55 (at 50% Waveform)
Output Load (Ω)
50
Phase Jitter (ps)
Max. 1 (Offset frequency : 12kHz to 20MHz)
Specification Number
NSC5109A
NSC5110A
NSC5109B
NSC5110B
NSC5109C
NSC5110C
*1 : The frequency stability includes initial frequency tolerance, temperature variation, and supply variation.
■ Specifications
1803C_NP5032SC_e
NP5032SC
Simple Packaged Crystal Oscillator (SPXO)
For SONET-, SDH-, and GbEthernet-related equipment
● Differential Output SPXO
● Compact dimension : 5.0 × 3.2 × 1.2 mm.
● Supply voltage : +2.5V or +3.3V
● Output Specification : HCSL
● Excellent low phase jitter.(Typ. 0.128ps @135MHz)
■ Features
■ Main Application
Tolerance ±0.1 mm
Land pattern (Typical)
5.0
(2.54)
(0.6)
1.27
0.01µF
2.54
0.64±0.10
#6 #5
#4
#1 #2
#3
C0.30
mm
#1
#2
#3
STAND-BY
GND
N.C
#4
#5
#6
OUTPUT
Vcc
OUTPUT
Terminal land connections
■ Dimensions
0.525V
0.175V
Tr
Tf
VOH
VOL
t
T
Symmetry = t/T × 100
[%]
■ Output waveform
#1 Input
#4 and #5 output
Level H (VIH ≥ 0.7 Vcc)
or OPEN
Oscillation output ON
Level L (VIL ≤ 0.3 Vcc)
High impedance
■ Standby Function Table (Three-state)
Please specify the model name, frequency, and specification number when you order products.
For further questions regarding specifications, please feel free to contact us.


Similar Part No. - NP5032SC

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NP5032SC NDK-NP5032SC Datasheet
588Kb / 1P
For SONET-, SDH-, and GbEthernet-related equipment
More results

Similar Description - NP5032SC

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
7311S-GF NDK-7311S-GF Datasheet
88Kb / 1P
Simple Packaged Crystal Oscillator (SPXO)
7311S-GG NDK-7311S-GG Datasheet
87Kb / 1P
Simple Packaged Crystal Oscillator (SPXO)
7311S-DG NDK-7311S-DG Datasheet
87Kb / 1P
Simple Packaged Crystal Oscillator (SPXO)
NP5032SB NDK-NP5032SB Datasheet
635Kb / 2P
Simple Packaged Crystal Oscillator (SPXO)
NP3225SA NDK-NP3225SA_18 Datasheet
620Kb / 1P
Simple Packaged Crystal Oscillator
NP3225SB NDK-NP3225SB_18 Datasheet
625Kb / 1P
Simple Packaged Crystal Oscillator
NP3225SC NDK-NP3225SC_18 Datasheet
621Kb / 1P
Simple Packaged Crystal Oscillator
NP5032SA NDK-NP5032SA_18 Datasheet
601Kb / 1P
Simple Packaged Crystal Oscillator
NP5032SB NDK-NP5032SB_18 Datasheet
606Kb / 1P
Simple Packaged Crystal Oscillator
7311S-DF NDK-7311S-DF Datasheet
90Kb / 1P
Simple Packaged Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com